Electronic Components Datasheet Search
  English  ▼

X  

GS2993 Datasheet(PDF) 17 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button GS2993 Datasheet HTML 13Page - Semtech Corporation GS2993 Datasheet HTML 14Page - Semtech Corporation GS2993 Datasheet HTML 15Page - Semtech Corporation GS2993 Datasheet HTML 16Page - Semtech Corporation GS2993 Datasheet HTML 17Page - Semtech Corporation GS2993 Datasheet HTML 18Page - Semtech Corporation GS2993 Datasheet HTML 19Page - Semtech Corporation GS2993 Datasheet HTML 20Page - Semtech Corporation GS2993 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
17 of 23
Propietary & Confidential
4.8 Cable Length Indicator (CLI)
The GS2993 has a Cable Length Indicator output. This is an analog voltage in the range
of 0V to 3.3V, varying monotonically with input cable length. See Figure 4-2 and
Table 4-6 below.
Figure 4-2: Cable Length Indicator Output
NOTE:
The CLI output voltage is referenced to VCC_A.
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
100
200
300
400
Cable Length (m)
Table 4-6: Cable Length Indicator Output
Cable Length (m)
0
120
140
160
200
300
400
CLI (V)
0.62
1.00
1.06
1.13
1.29
1.58
1.98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com