Electronic Components Datasheet Search
  English  ▼

X  

151621 Datasheet(PDF) 13 Page - Semtech Corporation

Part # 151621
Description  Adaptive Cable Equalizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

151621 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button 151621 Datasheet HTML 9Page - Semtech Corporation 151621 Datasheet HTML 10Page - Semtech Corporation 151621 Datasheet HTML 11Page - Semtech Corporation 151621 Datasheet HTML 12Page - Semtech Corporation 151621 Datasheet HTML 13Page - Semtech Corporation 151621 Datasheet HTML 14Page - Semtech Corporation 151621 Datasheet HTML 15Page - Semtech Corporation 151621 Datasheet HTML 16Page - Semtech Corporation 151621 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
GS2984 Adaptive Cable Equalizer
Data Sheet
50985 - 3
March 2010
13 of 20
4.6 GAIN_SEL
The GS2984 has an option of compensating for 6dB of flat attenuation in applications
where there has been some type of attenuation prior to the equalizer.
\
4.7 CMSET Operation
The GS2984 has a selectable output common mode level. This is useful when interfacing
to chips that can accept 2.5V input common mode levels. In these cases, AC coupling can
be avoided by selecting the correct output common mode.
NOTE:
See Section 2.2 for Output Common Mode Voltage specification.
Table 4-1: Mute Input Table
Mute
Function
0
SDO and SDO operate normally
1
SDO and SDO are forced to a steady
state (either high or low)
Table 4-2: CD Output Table
CD
Input Status
0
Valid Input on SDI, SDI pins
1
Input is not valid
Table 4-3: GAIN_SEL Input Table
GAIN_SEL
Function
0
No flat band gain is applied
1
6dB of flat attenuation will be
compensated by the equalizer.
Table 4-4: CMSET Output Table
CMSET
Output Common Mode Voltage
Level
0
The output common mode will be
compatible with 3.3V CML
1
The output common mode will be
compatible with 2.5V CML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com