Electronic Components Datasheet Search
  English  ▼

X  

LMC6042 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6042
Description  CMOS Dual Micropower Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6042 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6042 Datasheet HTML 1Page - National Semiconductor (TI) LMC6042 Datasheet HTML 2Page - National Semiconductor (TI) LMC6042 Datasheet HTML 3Page - National Semiconductor (TI) LMC6042 Datasheet HTML 4Page - National Semiconductor (TI) LMC6042 Datasheet HTML 5Page - National Semiconductor (TI) LMC6042 Datasheet HTML 6Page - National Semiconductor (TI) LMC6042 Datasheet HTML 7Page - National Semiconductor (TI) LMC6042 Datasheet HTML 8Page - National Semiconductor (TI) LMC6042 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMC6042
CMOS Dual Micropower Operational Amplifier
General Description
Ultra-low power consumption and low input-leakage current
are the hallmarks of the LMC6042. Providing input currents
of only 2 fA typical, the LMC6042 can operate from a single
supply, has output swing extending to each supply rail, and
an input voltage range that includes ground.
The LMC6042 is ideal for use in systems requiring ultra-low
power consumption. In addition, the insensitivity to latch-up,
high output drive, and output swing to ground without requir-
ing
external
pull-down
resistors
make
it
ideal
for
single-supply battery-powered systems.
Other applications for the LMC6042 include bar code reader
amplifiers, magnetic and electric field detectors, and
hand-held electrometers.
This device is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LMC6041 for a single, and the LMC6044 for a quad
amplifier with these features.
Features
n Low supply current:
10 µA/Amp (typ)
n Operates from 4.5V to 15V single supply
n Ultra low input current:
2 fA (typ)
n Rail-to-rail output swing
n Input common-mode range includes ground
Applications
n Battery monitoring and power conditioning
n Photodiode and infrared detector preamplifier
n Silicon based transducer systems
n Hand-held analytic instruments
n pH probe buffer amplifier
n Fire and smoke detection systems
n Charge amplifier for piezoelectric transducers
Connection Diagram
Ordering Information
Package
Temperature
Transport
Media
Range
NSC
Industrial
Drawing
−40˚C to +85˚C
8-Pin
LMC6042AIM
M08A
Rail
Small Outline
LMC6042IM
Tape and Reel
8-Pin
LMC6042AIN
N08E
Rail
Molded DIP
LMC6042IN
8-Pin DIP/SO
DS011137-1
August 1999
© 1999 National Semiconductor Corporation
DS011137
www.national.com


Similar Part No. - LMC6042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6042 TI-LMC6042 Datasheet
1Mb / 24P
LMC6042 CMOS Dual Micropower Operational Amplifier
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
LMC6042-MIL TI1-LMC6042-MIL Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
LMC6042AIJ TI-LMC6042AIJ Datasheet
1Mb / 24P
LMC6042 CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6042

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
LMC6042 CMOS Dual Micropower Operational Amplifier
LMC6042IMX TI-LMC6042IMX Datasheet
1Mb / 24P
LMC6042 CMOS Dual Micropower Operational Amplifier
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com