Electronic Components Datasheet Search
  English  ▼

X  

EMG4 Datasheet(PDF) 2 Page - Rohm

Part # EMG4
Description  General purpose (dual digital transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMG4 Datasheet(HTML) 2 Page - Rohm

  EMG4 Datasheet HTML 1Page - Rohm EMG4 Datasheet HTML 2Page - Rohm EMG4 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMG4 / UMG4N / FMG4A
Transistors
Rev.A
2/2
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Transition frequency
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
50
50
5
−
−
−
100
−
−
−
−
−
−
−
250
−
250
−
−
−
0.5
0.5
0.3
600
−
V
V
V
µA
µA
V
−
MHz
∗
R1
710
13
k
Ω
IC
=50µA
IC
=1mA
IE
=50µA
VCB
=50V
VEB
=4V
VCE
=10V, IE= −5mA, f=100MHz
IC/IB
=10mA/1mA
VCE
=5V, IC=1mA
∗Transition frequency of the device.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Input resistance
Electrical characteristics curves
COLLECTOR CURRENT : IC
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1k
500
200
100
50
20
10
5
2
1
VCE
=5V
Ta
=100°C
25
°C
−40°C
Fig.1 DC current gain vs. collector
current
COLLECTOR CURRENT : IC
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lC/lB
=10
Ta
=100°C
25
°C
−40°C
Fig.2 Collector-emitter saturation
voltage vs. collector current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com