Electronic Components Datasheet Search
  English  ▼

X  

ES4118 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ES4118
Description  Super VCD Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4118 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ES4118 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES4118 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4118 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4118 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SAM0422-052901
ESS Technology, Inc.
ES4118 PRODUCT BRIEF
ES4118 PIN DESCRIPTION
Table 1 lists the ES4118 pin descriptions.
Table 1
ES4118 Pin Descriptions List
Name
Number
I/O
Definition
VCC
1, 9, 18, 27, 35, 44,
51, 59, 68, 75, 83, 92,
99, 104, 111, 121, 130,
139, 148, 157, 164,
172, 183, 193, 201
I
3.3V power supply.
LA[21:0]
7:2, 16:10, 23:19,
207:204
O
Device address output.
VSS
8, 17, 26, 34, 43, 52,
60, 67, 76, 84, 91, 98,
103, 112, 120, 129,
138, 147, 156, 163,
171, 177, 184, 192,
200, 208
I
Ground.
RESET#
24
I
Reset input, active low.
TDMDX
25
O
TDM transmit data.
RSEL
I
ROM Select.
TDMDR
28
I
TDM receive data.
TDMCLK
29
I
TDM clock input.
TDMFS
30
I
TDM frame sync.
TDMTSC#
31
O
TDM output enable.
TWS
32
O
Audio transmit frame sync.
TSD
33
O
Audio transmit serial data port.
SEL_PLL0
I
Select PLL0:
SEL_PLL2
36
I
Select PLL2. (Refer to the definitions table in pin number 33.)
NC
37, 38, 41, 42,
142:146, 149:155,
158, 202, 203
No connect.
MCLK
39
I/O
Audio master clock for audio DAC.
TBCK
40
I/O
Audio transmit bit clock.
RSD
45
I
Audio receive serial data.
RWS
46
I
Audio receive frame sync.
RBCK
47
I
Audio receive bit clock.
APLLCAP
48
I
Analog PLL capacitor.
XIN
49
I
Crystal input.
XOUT
50
O
Crystal output.
DMA[11:0]
53:58, 61:66
O
DRAM address bus.
DCAS#
69
O
DRAM column address strobe.
DOE#
70
O
DRAM output enable.
DSCK_EN
O
DRAM clock enable
DWE#
71
O
DRAM write enable.
DRAS[2:0]#
74:72
O
DRAM row address strobe.
DB[15:0]
77:82, 85:90, 93:96
I/O
DRAM data bus.
DCS[1:0]#
97, 100
O
SDRAM chip select [1:0], active low.
DQM
101
O
Data input/output mask.
DSCK
102
O
Clock to SDRAM.
RSEL
Selection
016-bit ROM
1
8-bit ROM.
SEL_PLL2
SEL_PLL1 SEL_PLL0 Notes
0
0
2.5 x DCLK
0
1
3 x DCLK
1
0
3.5 x DCLK
1
1
4 x DCLK.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com