Electronic Components Datasheet Search
  English  ▼

X  

LMC6042IM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6042IM
Description  CMOS Dual Micropower Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6042IM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC6042IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6042IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6042IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6042IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6042IM Datasheet HTML 9Page - National Semiconductor (TI) LMC6042IM Datasheet HTML 10Page - National Semiconductor (TI) LMC6042IM Datasheet HTML 11Page - National Semiconductor (TI) LMC6042IM Datasheet HTML 12Page - National Semiconductor (TI) LMC6042IM Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Typical Single-Supply Applications (V+ = 5.0 V
DC) (Continued)
DS011137-16
FIGURE 11. 1 Hz Square Wave Oscillator
DS011137-17
FIGURE 12. AC Coupled Power Amplifier
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com