Electronic Components Datasheet Search
  English  ▼

X  

G690 Datasheet(PDF) 12 Page - Global Mixed-mode Technology Inc

Part # G690
Description  Microprocessor Reset IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G690 Datasheet(HTML) 12 Page - Global Mixed-mode Technology Inc

Back Button G690 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G690 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G690 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G690 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G690 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G690 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G690 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G690 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G690 Datasheet HTML 12Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Ver: 1.3
Oct 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
12
G690/G691
Global Mixed-mode Technology Inc.
SC70 (T9) Package
Note:
1. All dimensions are in millimeters
2. Dimensions are inclusive of plating of plating
3. Dimensions are exclusive of mold flash & metal burr
4. All specifications comply to EIAJ SC70
5. Coplanarity 4 Mils. Max.
DIMENSION IN MILIMETERS
DIMENSION IN INCHS
SYMBOL
MIN.
MAX.
MIN.
MAX.
A
0.90
1.20
0.035
0.047
A1
0.05
0.15
0.002
0.006
A2
0.85
1.05
0.033
0.041
b
0.20
0.40
0.008
0.016
C
0.10
0.15
0.004
0.006
D
1.90
2.10
0.075
0.083
E
1.15
1.35
0.045
0.053
E1
2.00
2.20
0.0787
0.0866
e
0.65 BSC.
0.0256 BSC.
e1
1.30 BSC.
0.0512 BSC.
L
0.425 REF.
0.0167 REF.
Package Orientation
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
L
C
A
A2
A1
D
E1
E
b
e1
e
L
C
L
C
A
A2
A1
D
E1
E
b
e1
e
Feed Direction
SOT 89 Package Orientation
Feed Direction
SOT 89 Package Orientation
Feed Direction
SOT23, SC70 Package Orientation
Feed Direction
SOT23, SC70 Package Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com