Electronic Components Datasheet Search
  English  ▼

X  

P0502NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # P0502NL
Description  SMT Common Mode Chokes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0502NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  P0502NL Datasheet HTML 1Page - Pulse A Technitrol Company P0502NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
pulseelectronics.com
SMT Common Mode Chokes
1.22A to 14.0 A
SPM2007 (03/13)
Polecat
HCCI-68
LCCI-50
BIg Foot
Mechanicals
3
1
2
4
4X .060
1,52
4X .175
4,45
Suggested Pad Layout
.500 MAX
12,70
.215 MAX
5,46
.410
10,41
.330
8,38
.410
10,41
R
.500 MAX
12,70
.005/0,13
4 SURFACES
.330
8,38
13
4
2
P0527NL
DATE OF CODE
CTRY ORIGIN
U.S. PAT. 5309130
117
4
1
2
3
Schematic
Dimensions: Inches
mm
.005
0,13
Unless otherwise specified, all tolerances are ±



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com