Electronic Components Datasheet Search
  English  ▼

X  

LMC6064 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6064
Description  Precision CMOS Quad Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6064 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMC6064 Datasheet HTML 4Page - National Semiconductor (TI) LMC6064 Datasheet HTML 5Page - National Semiconductor (TI) LMC6064 Datasheet HTML 6Page - National Semiconductor (TI) LMC6064 Datasheet HTML 7Page - National Semiconductor (TI) LMC6064 Datasheet HTML 8Page - National Semiconductor (TI) LMC6064 Datasheet HTML 9Page - National Semiconductor (TI) LMC6064 Datasheet HTML 10Page - National Semiconductor (TI) LMC6064 Datasheet HTML 11Page - National Semiconductor (TI) LMC6064 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Applications Hints (Continued)
CAPACITIVE LOAD TOLERANCE
All rail-to-rail output swing operational amplifiers have volt-
age gain in the output stage. A compensation capacitor is
normally included in this integrator stage. The frequency lo-
cation of the dominate pole is affected by the resistive load
on the amplifier. Capacitive load driving capability can be op-
timized by using an appropriate resistive load in parallel with
the capacitive load (see typical curves).
Direct capacitive loading will reduce the phase margin of
many op-amps. A pole in the feedback loop is created by the
combination of the op-amp’s output impedance and the ca-
pacitive load. This pole induces phase lag at the unity-gain
crossover frequency of the amplifier resulting in either an os-
cillatory or underdamped pulse response. With a few exter-
nal components, op amps can easily indirectly drive capaci-
tive loads, as shown in
Figure 2.
In the circuit of
Figure 2, R1 and C1 serve to counteract the
loss of phase margin by feeding the high frequency compo-
nent of the output signal back to the amplifier’s inverting in-
put, thereby preserving phase margin in the overall feedback
loop.
Capacitive load driving capability is enhanced by using a pull
up resistor to V
+ (Figure 3). Typically a pull up resistor con-
ducting 10 µA or more will significantly improve capacitive
load responses. The value of the pull up resistor must be de-
termined based on the current sinking capability of the ampli-
fier with respect to the desired output swing. Open loop gain
of the amplifier can also be affected by the pull up resistor
(see Electrical Characteristics).
PRINTED-CIRCUIT-BOARD LAYOUT
FOR HIGH-IMPEDANCE WORK
It is generally recognized that any circuit which must operate
with less than 1000 pA of leakage current requires special
layout of the PC board. When one wishes to take advantage
of the ultra-low bias current of the LMC6064, typically less
than 10 fA, it is essential to have an excellent layout. Fortu-
nately, the techniques of obtaining low leakages are quite
simple. First, the user must not ignore the surface leakage of
the PC board, even though it may sometimes appear accept-
ably low, because under conditions of high humidity or dust
or contamination, the surface leakage will be appreciable.
To minimize the effect of any surface leakage, lay out a ring
of foil completely surrounding the LMC6064’s inputs and the
terminals of capacitors, diodes, conductors, resistors, relay
terminals etc. connected to the op-amp’s inputs, as in
Figure
4. To have a significant effect, guard rings should be placed
on both the top and bottom of the PC board. This PC foil
must then be connected to a voltage which is at the same
voltage as the amplifier inputs, since no leakage current can
flow between two points at the same potential. For example,
a PC board trace-to-pad resistance of 10
12
Ω, which is nor-
mally considered a very large resistance, could leak 5 pA if
the trace were a 5V bus adjacent to the pad of the input. This
would cause a 100 times degradation from the LMC6064’s
actual performance. However, if a guard ring is held within
5 mV of the inputs, then even a resistance of 10
11
Ω would
cause only 0.05 pA of leakage current. See
Figure 5 for typi-
cal connections of guard rings for standard op-amp
configurations.
DS011466-5
FIGURE 2. LMC6064 Noninverting Gain of 10 Amplifier,
Compensated to Handle Capacitive Loads
DS011466-6
FIGURE 3. Compensating for Large Capacitive Loads
with a Pull Up Resistor
DS011466-7
FIGURE 4. Example of Guard Ring in P.C. Board
Layout
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com