Electronic Components Datasheet Search
  English  ▼

X  

PB2020 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PB2020
Description  SMT UNSHIELDED DRUM CORE INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PB2020 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PB2020 Datasheet HTML 1Page - Pulse A Technitrol Company PB2020 Datasheet HTML 2Page - Pulse A Technitrol Company PB2020 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4
www.power.pulseelectronics.com
(12.8 x 12.8 x 8 mm Max)
(18.5 x 15.2 x 11.4 mm Max)
(18.6 x 15.2 x 7.4 mm Max)
(22.3 x 15.1 x 7.5 mm Max)
(23.9 x 20.8 x 10.2 mm Max)
POWER MAGNETICS
PRODUCT OVERVIEW: SMT UNSHIELDED DRUM CORE INDUCTORS
0.1
1
10
100
1000
Inductance (uH)
0.1
1
10
100
1000
20A
2.0A
12A
20A
7.1A
8.6A
15A
30A
12.6A
6.5A
6.0A
4.3A
3.5A
1.0A
11A
3.5A
1.1A
2.0A
1.8A
0.56A
0.1
1
10
100
1000
Inductance (uH)
(12.8 x 12.8 x 6 mm Max)
PA4309
PA4310
PF0504
P0250
P1252
PB2020



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com