Electronic Components Datasheet Search
  English  ▼

X  

AC4790 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # AC4790
Description  Software-adjustable sensitivity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

AC4790 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  AC4790 Datasheet HTML 1Page - Laird Tech Smart Technology AC4790 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
AC4790
900MHz Radio Module
THE FASTEST WAY TO WIRELESS
The high-performance AC4790 radio modules utilize Laird Technologies’ “masterless”
protocol, allowing each radio module to communicate with any other in-range radio
module for true peer-to-peer operation.
Using field-proven 900MHz FHSS technology that needs no additional site licensing*,
AC4790s reject interference, enable co-located system operation, and ensure
data integrity.
The AC4790’s protocol features a dynamic addressing scheme, that simplifies
node-to-node communication. The radio module enables identification of the most
efficient transmission path, so OEMs can design routing sequences that optimize the RF
network. This makes the AC4790 ideal for a wide variety of industrial applications that
must rely on smooth, constant data flow.
Developer tools and comprehensive technical support are available to aid integration.
Let Laird Technologies help you find the best fit for your application.
FEATURES
• True peer-to-peer protocol
• Ultra-fast sync time (25 msec)
• Small form factor: 1.65 x 1.9 inches
• API commands to control packet routing
• Software-adjustable sensitivity
• Network node discovery
• Variable output power: 5mW to 1000mW
• Range up to 20 miles
MARKETS
• Commercial Buildings
• Field Surveillance
• Utility Management
• Recreation
• Fleet Telemetry
USA: +1.800.492.2320
Europe: +44.1628.858.940
Asia: +852.2268.6567
wirelessinfo@lairdtech.com
www.lairdtech.com/wireless


Similar Part No. - AC4790

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC4715MS ETC1-AC4715MS Datasheet
59Kb / 1P
120mm FAN SERIES
More results

Similar Description - AC4790

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
Long-distance Capacitive Sensor with Adjustable Sensitivity
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
Long-distance Capacitive Sensor with Adjustable Sensitivity
logo
ASM GmbH
9335 ASM-SENSOR-9335 Datasheet
929Kb / 4P
KURVENANALYSE-SOFTWARE
logo
ADL Embedded Solutions
ADLSSTV2.0 ADL-ADLSSTV2.0 Datasheet
461Kb / 1P
Software Utility
logo
PHOENIX CONTACT
2988667 PHOENIX-2988667 Datasheet
50Kb / 2P
Software - PROJECT
logo
TEKTRONIX, INC.
DATAVU-PC TEKTRONIX-DATAVU-PC Datasheet
679Kb / 8P
Software
logo
Pepperl+Fuchs Inc.
VAZ-SW-DIAGNOSTIC PF-VAZ-SW-DIAGNOSTIC Datasheet
98Kb / 1P
Configuration software
VAZ-SW-SUITE PF-VAZ-SW-SUITE Datasheet
98Kb / 1P
Configuration software
logo
PHOENIX CONTACT
2868059 PHOENIX-2868059 Datasheet
94Kb / 6P
Software - CONFIG
09/12/2020
logo
Advantech Co., Ltd.
WEDACCESS-HMI ADVANTECH-WEDACCESS-HMI Datasheet
550Kb / 2P
HMI Software
15-Feb-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com