Electronic Components Datasheet Search
  English  ▼

X  

LTO-50 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LTO-50
Description  Power Resistor Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO-50 Datasheet(HTML) 3 Page - Vishay Siliconix

  LTO-50 Datasheet HTML 1Page - Vishay Siliconix LTO-50 Datasheet HTML 2Page - Vishay Siliconix LTO-50 Datasheet HTML 3Page - Vishay Siliconix LTO-50 Datasheet HTML 4Page - Vishay Siliconix LTO-50 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LTO 50
www.vishay.com
Vishay Sfernice
Revision: 09-Dec-15
3
Document Number: 50050
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OVERLOADS
In any case the applied voltage must be lower than the
maximum overload voltage of 750 V.
The values indicated on the graph below are applicable to
resistors in air or mounted onto a heatsink.
ENERGY CURVE
POWER CURVE
POWER RATING
The temperature of the case should be maintained within the
limits specified.
To improve the thermal conductivity, surfaces in contact
should be coated with a silicone grease and the torque
applied on the screw for tightening should be around 1 Nm.
MARKING
Model, style, resistance value (in
Ω), tolerance (in %),
manufacturing date, Vishay Sfernice trademark.
0.01
0.1
1
10
100
OVERLOAD DURATION IN s
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
100
1000
10 000
100 000
1 000 000
OVERLOAD DURATION IN s
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
PACKAGING
Tube of 50 units
0
20
40
60
80
100
120
140 150
100
125
75
50
25
0
CASE TEMPERATURE IN °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com