Electronic Components Datasheet Search
  English  ▼

X  

RCWE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCWE
Description  Thick Film Surface Mount Chip Resistors,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCWE Datasheet(HTML) 2 Page - Vishay Siliconix

  RCWE Datasheet HTML 1Page - Vishay Siliconix RCWE Datasheet HTML 2Page - Vishay Siliconix RCWE Datasheet HTML 3Page - Vishay Siliconix RCWE Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RCWE
www.vishay.com
Vishay Dale
Revision: 07-Oct-15
2
Document Number: 20019
For technical questions, contact: ff2cresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: RCWE060351L0FNEA (visit www.vishay.net Vishay Dale parts numbering manual for all options)
GLOBAL MODEL
(8 digits)
VALUE
(4 digits)
TOLERANCE
(1 digit)
TCR
(1 digit)
PACKAGING
(2 digits)
RCWE0402
RCWE0603
RCWE0805
RCWE0612
RCWE1206
RCWE1210
RCWE1020
RCWE2010
RCWE2512
L = m
 *
R = decimal
10L0 = 0.01
R470 = 0.47
Note:
* Use “L” for resistance
values < 0.1
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
K = ± 100 ppm/°C
N = ± 200 ppm/°C
M = ± 300 ppm/°C
Q = ± 400 ppm/°C
P = ± 500 ppm/°C
T = ± 600 ppm/°C
G = ± 700 ppm/°C
EA = lead (Pb)-free,
tape/reel
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT RCWE0402 RCWE0603 RCWE0805 RCWE0612 RCWE1206 RCWE1210 RCWE1020 RCWE2010 RCWE2512
Operating temp.
range
°C
-55 to +155
Maximum operating
voltage
V(P x R)1/2
Insulation voltage
Uins (1 min)
V
> 75
> 100
> 200
> 100
> 300
> 300
> 300
> 300
> 300
Insulation resistance
> 109
Weight/1000 pieces
(typical)
g
0.7
3
5.5
11.5
10.5
17.5
27.5
26
40.5
DIMENSIONS
RCWE0402 to RCWE2512
RCWE0612, RCWE1020
MODEL
DIMENSIONS in millimeters
SOLDER PAD DIMENSIONS in millimeters
RESISTANCE
RANGE
LW
H
T1
T2
a
b
l
RCWE0402
0.033 to 0.976 1.05 ± 0.05 0.55 ± 0.05 0.35 ± 0.1
0.3 ± 0.15
0.25 ± 0.1
0.7
0.7
0.3
RCWE0603
0.01 to 0.03
1.6 ± 0.1
0.85 ± 0.1
0.5 ± 0.1
0.5 ± 0.2
0.3 ± 0.2
0.9
1.0
0.4
0.033 to 0.976
0.3 ± 0.2
0.7
1.0
0.8
RCWE0805
0.01 to 0.03
2.0 ± 0.15
1.3 ± 0.1
0.55 ± 0.1
0.6 ± 0.2
0.35 ± 0.2
1.0
1.4
0.6
0.033 to 0.976
0.4 ± 0.2
0.8
1.4
1.0
RCWE0612
0.01 to 0.976
1.6 ± 0.2
3.2 ± 0.2
0.6 ± 0.1
0.4 ± 0.15
0.25 ± 0.15
0.9
3.5
0.8
RCWE1206
0.01 to 0.03
3.1 ± 0.15
1.6 ± 0.15
0.6 ± 0.1
0.9 ± 0.2
0.45 ± 0.2
1.3
1.8
1.0
0.033 to 0.05
0.8 ± 0.2
1.2
1.8
1.2
0.051 to 0.976
0.45 ± 0.2
1.0
1.8
1.6
RCWE1210
0.01 to 0.03
3.1 ± 0.2
2.5 ± 0.2
0.6 ± 0.1
0.8 ± 0.2
0.4 ± 0.2
1.3
2.6
1.1
0.033 to 0.976
0.4 ± 0.2
0.9
2.6
2.0
RCWE1020
0.01 to 0.976
2.5 ± 0.2
5.0 ± 0.2
0.6 ± 0.1
0.55 ± 0.15 0.30 ± 0.15
1.2
5.5
1.4
RCWE2010
0.01 to 0.03
5.0 ± 0.2
2.5 ± 0.15
0.6 ± 0.1
1.6 ± 0.3
0.6 ± 0.2
2.3
3.0
1.4
0.033 to 0.05
0.7 ± 0.3
1.4
3.0
3.2
0.051 to 0.976
0.7 ± 0.3
1.4
3.0
3.2
RCWE2512
0.01 to 0.03
6.3 ± 0.2
3.15 ± 0.15
0.6 ± 0.1
2.0 ± 0.3
0.6 ± 0.2
2.8
3.6
1.4
0.033 to 0.05
0.8 ± 0.3
1.6
3.6
3.8
0.051 to 0.976
0.8 ± 0.3
1.6
3.6
3.8
l
b
a
b
a
l
W
H
L
T1
T2
WE
0
6
3
5
1
0
RC
N
0
FE
L
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com