Electronic Components Datasheet Search
  English  ▼

X  

F2A Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # F2A
Description  Precise temperature control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

F2A Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  F2A Datasheet HTML 1Page - Laird Tech Smart Technology F2A Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
OptoTECTM Series HOT12,18,F2A,0606
Thermoelectric Module
Americas: +1 888.246.9050
Europe: +46.31.704.67.57
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
SuffIx ThIckneSS
(prIor To TInnIng)
flaTneSS &
parallelISm
hoT face cold face lead lengTh
11
0.106” +/- 0.002”
0.002” / 0.002”
lapped
lapped
2.0”
TB
0.106” +/- 0.0005”
0.0005” / 0.0005” lapped
lapped
2.0”
00
0.121” +/- 0.005”
na / na
metallized
metallized
2.0”
22
0.121” +/- 0.005”
na / na
pre-tinned
pre-tinned
2.0”
gg
0.121” +/- 0.005”
na / na
au plated
au plated
2.0”
FEATurES
• Miniaturegeometricsizes
• Precisetemperaturecontrol
• Reliablesolidstateoperation
• Nosoundorvibration
• DCoperation
• RoHScompliant
AppliCATiOnS
•Laserdiodes
•CCDcameras
•Infrared(IR)sensors
•Pumplasers
•Crystaloscillators
•Opticaltransceivers
The optoTecTmSeriesisaminiaturethermoelectricmodule(TEM).Thisproductseriesisprimarily
usedinapplicationstostabilizethetemperatureofsensitiveopticalcomponentsintelecomand
photonicsindustries.
Thisproductlineisavailableinmultipleconfigurationsandsurfacefinishingoptions.Assembledwith
BismuthTelluridesemiconductormaterialandthermallyconductiveAluminumOxideceramics,
the optoTecTmSeriesisdesignedforlowercurrentandlowerheat-pumpingapplications.Custom
designsareavailabletoaccommodatemetallization,pretinning,ceramicpatterns,andsolderposts,
howeverMOQapplies.
performance SpecIfIcaTIonS
Hotsidetemperature(°C)
25
50
Qmax(watts)
1.5
1.6
DeltaTmax(°C)
64
74
Imax(amps)
1.2
1.2
Vmax(volts)
2.1
2.3
Moduleresistance(ohms)
1.57
1.77
SuffIx SealanT
color
Temp range deScrIpTIon
rT
rTV
White
-60to204°C
Non-corrosive,siliconeadhesivesealant
ep
Epoxy
Black
-55to150°C
Lowdensitysyntacticfoamepoxyencapsulant
SEAling OpTiOn


Similar Part No. - F2A

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
F2A LSTD-F2A Datasheet
538Kb / 2P
Precise temperature control
F2A LSTD-F2A Datasheet
563Kb / 2P
Precise temperature control
F2A LSTD-F2A Datasheet
564Kb / 2P
Reliable solid state operation
logo
First Silicon Co., Ltd
F2A FS-F2A Datasheet
501Kb / 3P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50V ~ 1000V , Forward Current 1.0 Amps
logo
Panasonic Semiconductor
F2A0J470A599 PANASONIC-F2A0J470A599 Datasheet
5Mb / 71P
DVD Video Recorder Service Manual
More results

Similar Description - F2A

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
Precise temperature control
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
Precise Temperature Control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
Precise temperature control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com