Electronic Components Datasheet Search
  English  ▼

X  

HC49 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HC49
Description  STANDARD CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HC49 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HC49 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
02 Mar 2006
Standard Crystal
HC49
HC49
4.65 (max)
11.05
(max)
4.88
12.00
(min)
0.43Ø
13.46
(max)
Features
« Industry standard HC49 case
« Fundamental mode available up to 40.0MHz
« Comprehensive stock of standard frequencies
« Low cost for volume applications
« Express manufacturing service
« Custom frequencies easily produced
« Tight specifications available
« Wide frequency range available
« Centre ground lead available
Product name + option codes + frequency
eg: HC49/351DF 16.1760MHz 30/50/10/16-F
HC49/232S3 48.0MHz 20/30/20/S-3
Ordering Information
Scale 1:1
Frequencies in MHz
Option
Code
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
Standard Frequencies
1.000000
1.843200
2.000000
2.457600
3.000000
3.276800
3.579545
3.686400
4.000000
4.032000
4.096000
4.194304
4.433619
4.915200
5.000000
5.068800
5.120000
6.000000
6.144000
6.176000
6.400000
6.553600
7.372800
7.680000
8.000000
8.192000
8.867237
9.000000
9.216000
9.830400
10.00000
10.24000
10.24500
10.70000
11.00000
11.05920
11.28960
12.00000
12.28800
14.00000
14.31818
14.74560
15.00000
15.36000
16.00000
16.38400
16.93440
17.73447
18.00000
18.43200
19.66080
20.00000
22.11840
24.00000
24.00014
24.57600
30.00000
32.00000
32.76800
36.00000
40.00000
48.00000
50.00000
60.00000
64.00000
Insulating washers and mounting clips available. See our website
for details.
Package:
Resistance weld
Frequency range:
1.0 ~ 160MHz
Calibration tolerance:
±5ppm
L
±10ppm
1
±20ppm
2
±30ppm
3
±50ppm
5
Other values (±3ppm ~ ±100ppm)
specify
Temperature stability:
±5ppm
L
±10ppm
1
±20ppm
2
±30ppm
3
±50ppm
5
±100ppm
C
Other values (±3ppm ~ ±100ppm)
specify
Operating temperature range:
0 to +50°C
0
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental
F
3rd overtone
3
5th overtone
5
Equivalent series resistance (max):
3000
(1.0MHz)
700
(1.8 ~ 2.0MHz)
500
(>2.0 ~ 2.4MHz)
300
(>2.4 ~ 3.0MHz)
200
(>3.0 ~ 3.2MHz)
150
(>3.2 ~ 3.7MHz)
100
(>3.7 ~ 4.2MHz)
80
(>4.2 ~ 6.0MHz)
50
(>6.0 ~ 9.0MHz)
30
(>9.0 ~ 36.0MHz)
60
(24.0 ~ 90.0MHz, 3rd OT)
80
(80.0 ~ 160MHz, 5th OT)
Static capacitance (C
0):
7pF max
Ageing:
±3ppm max first year
Test drive level:
100µW


Similar Part No. - HC49

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HC49 HITACHI-HC49 Datasheet
44Kb / 8P
Dual 4-bit Decade Counters
logo
ECM Electronics Limited...
HC49 ECM-HC49 Datasheet
73Kb / 1P
Standard Crystal
logo
EUROQUARTZ limited
HC49 EUROQUARTZ-HC49 Datasheet
158Kb / 1P
THROUGH-HOLE CRYSTALS
logo
Jauch Quartz Gmbh
HC49 JAUCH-HC49 Datasheet
106Kb / 2P
Quartz Crystal
HC49 JAUCH-HC49 Datasheet
97Kb / 2P
Quartz Crystal
More results

Similar Description - HC49

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
SP521P SII-SP521P Datasheet
479Kb / 5P
LIQUID CRYSTAL DISPLAYS(STANDARD PRODUCTS)
logo
ECM Electronics Limited...
HC49 ECM-HC49 Datasheet
73Kb / 1P
Standard Crystal
HC49-4 ECM-HC49-4 Datasheet
79Kb / 1P
Standard Low Profile Crystal
HC494 ECM-HC494 Datasheet
77Kb / 1P
Standard Surface Mount Crystal
logo
AEL Crystals Ltd
HC-49U AEL-HC-49U Datasheet
134Kb / 1P
Standard Height Crystal
logo
Wolfgang Knap
UM1FAMILY-CAT5S49 WK-UM1FAMILY-CAT5S49 Datasheet
855Kb / 1P
STANDARD MONOLITHIC CRYSTAL FILTERS
logo
Gennum Corporation
GS2965 GENNUM-GS2965 Datasheet
3Mb / 41P
Uses standard 27MHz crystal
GS2985 GENNUM-GS2985 Datasheet
3Mb / 45P
Uses standard 27MHz crystal
logo
Golledge Electronics Lt...
HC49 GOLLEDGE-HC49_16 Datasheet
111Kb / 1P
Standard Crystal
HC49 GOLLEDGE-HC49_18 Datasheet
535Kb / 4P
Standard Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com