Electronic Components Datasheet Search
  English  ▼

X  

EMD3 Datasheet(PDF) 2 Page - Rohm

Part # EMD3
Description  NPN PNP Complex Digital Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD3 Datasheet(HTML) 2 Page - Rohm

  EMD3 Datasheet HTML 1Page - Rohm EMD3 Datasheet HTML 2Page - Rohm EMD3 Datasheet HTML 3Page - Rohm EMD3 Datasheet HTML 4Page - Rohm EMD3 Datasheet HTML 5Page - Rohm EMD3 Datasheet HTML 6Page - Rohm EMD3 Datasheet HTML 7Page - Rohm EMD3 Datasheet HTML 8Page - Rohm EMD3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMD3 / UMD3N / IMD3A
l
Absolute maximum ratings (Ta = 25C)
l
Electrical characteristics(Ta = 25°C) <For DTr1(NPN)>
l
Electrical characteristics(Ta = 25°C) <For DTr2(PNP)>
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
Parameter
Symbol
DTr1(NPN)
DTr2(PNP)
Unit
Supply voltage
VCC
50
-
50
V
Input voltage
VIN
-
10 to +40
-
40 to +10
V
Output current
IO
50
-
50
mA
Collector current
IC(MAX.)*1
100
-
100
mA
Power dissipation
EMD3 / UMD3N
PD *2
150 (Total)*3
mW
Range of storage temperature
Tstg
-
55 to +150
°C
Min.
Typ.
Max.
Unit
IMD3A
300 (Total)*4
mW
Junction temperature
Tj
150
°C
-
7
10
13
kW
30
-
-
mA
-
-
0.5
m
A
-
-
0.88
Min.
Typ.
Max.
Unit
-
-
250
-
MHz
0.8
1
1.2
-
7
10
13
kW
30
-
-
mA
-
-
-
0.5
m
A
-
-
-
0.88
-
-
250
-
MHz
0.8
1
1.2
Resistance ratio
R2/R1
-
Transition frequency
fT *1
VCE = -10V, IE = 5mA
f = 100MHz
V
VI(on)
VO = 0.3V, IO = 10mA
Output voltage
VO(on)
IO / II = 10mA / 0.5mA
V
Input current
II
VI = 5V
-
0.1
0.3
3.0
-
-
-
-
0.5
Input voltage
VI(off)
VCC = 5V, IO = 100mA
fT *1
VCE = 10V, IE = -5mA
f = 100MHz
Parameter
Symbol
Conditions
Parameter
Symbol
Conditions
Output current
IO(off)
VCC = 50V, VI = 0V
DC current gain
GI
VO = 5V, IO = 5mA
Input resistance
R1
-
Resistance ratio
R2/R1
-
Transition frequency
V
VI(on)
VO = -0.3V, IO = -10mA
Output voltage
VO(on)
IO / II = -10mA / -0.5mA
V
Input current
II
VI = -5V
-
-
0.1
-
0.3
-
3.0
-
-
-
-
-
0.5
Input voltage
VI(off)
VCC = -5V, IO = -100mA
Output current
IO(off)
VCC = -50V, VI = 0V
DC current gain
GI
VO = -5V, IO = -5mA
Input resistance
R1
-
2/8
2013.07 - Rev.E
EMD3FHA / UMD3NFHA / IMD3AFRA
EMD3FHA / UMD3NFHA
IMD3AFRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com