Electronic Components Datasheet Search
  English  ▼

X  

IMD3AFRA Datasheet(PDF) 1 Page - Rohm

Part # IMD3AFRA
Description  NPN PNP Complex Digital Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMD3AFRA Datasheet(HTML) 1 Page - Rohm

  IMD3AFRA Datasheet HTML 1Page - Rohm IMD3AFRA Datasheet HTML 2Page - Rohm IMD3AFRA Datasheet HTML 3Page - Rohm IMD3AFRA Datasheet HTML 4Page - Rohm IMD3AFRA Datasheet HTML 5Page - Rohm IMD3AFRA Datasheet HTML 6Page - Rohm IMD3AFRA Datasheet HTML 7Page - Rohm IMD3AFRA Datasheet HTML 8Page - Rohm IMD3AFRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
EMD3 / UMD3N / IMD3A
NPN + PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
<For DTr1(NPN)>
l
Outline
<For DTr2(PNP)>
l
Features
l
Inner circuit
1) Both the DTC114E chip and DTA114E chip
in one package.
2) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit).
3) The bias resistors consist of thin-film resistors
with complete isolation to allow negative biasing
of the input. They also have the advantage of
completely eliminating parasitic effects.
4) Only the on/off conditions need to be set for
operation, making the circuit design easy.
5) Lead Free/RoHS Compliant.
l
Application
Inverter circuit, Interface circuit, Driver circuit
l
Packaging specifications
Parameter
Value
EMT6
UMT6
VCC
50V
IC(MAX.)
100mA
R2
10kW
R1
10kW
Part No.
Package
Package
size
(mm)
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
R2
10kW
IC(MAX.)
-
100mA
8,000
D3
UMD3N
UMT6
2021
TR
180
8
3,000
D3
EMD3
EMT6
1616
T2R
180
8
3,000
D3
IMD3A
SMT6
2928
T108
180
8
R1
10kW
SMT6
Parameter
Value
VCC
-
50V
(3)
(2)
(1)
(4)
(5)
(6)
EMD3
(SC-107C)
UMD3N
SOT-363 (SC-88)
IMD3A
SOT-457 (SC-74)
(1)
(2)
(3)
(6)
(5)
(4)
(1)
(2)
(3)
(6)
(5)
(4)
EMD3 / UMD3N
IMD3A
OUT
(6)
(2)
IN
(1)
GND
(3)
OUT
IN
(5)
GND
(4)
DTr1
DTr2
R2
R1
R1
R2
OUT
(4)
(2)
IN
(3)
GND
(1)
OUT
IN
(5)
GND
(6)
DTr1
DTr2
R1
R2
R2
R1
1/8
2013.07 - Rev.E
EMD3FHA / UMD3NFHA / IMD3AFRA
EMD3FHA
EMD3FHA / UMD3NFHA
UMD3NFHA
EMD3FHA
UMD3NFHA
IMD3AFRA
IMD3AFRA
IMD3AFRA
AEC-Q101 Qualified


Similar Part No. - IMD3AFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
IMD3A ROHM-IMD3A Datasheet
83Kb / 4P
General purpose (dual digital transistors)
IMD3A ROHM-IMD3A Datasheet
103Kb / 4P
General purpose (Dual digital transistors)
IMD3A ROHM-IMD3A Datasheet
83Kb / 4P
General purpose (Dual digital transistors)
IMD3A ROHM-IMD3A Datasheet
1Mb / 13P
General purpose (dual digital transistor)
logo
Renesas Technology Corp
IMD3AT108 RENESAS-IMD3AT108 Datasheet
83Kb / 4P
General purpose (Dual digital transistors)
More results

Similar Description - IMD3AFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
UMB4NTN ROHM-UMB4NTN Datasheet
447Kb / 7P
PNP -100mA -50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
PNP -100mA -50V Complex Digital Transistors
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors
EMD6T2R ROHM-EMD6T2R Datasheet
517Kb / 8P
NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
PNP -100mA -50V Complex Digital Transistors
UMB11NTN ROHM-UMB11NTN Datasheet
486Kb / 8P
PNP -100mA -50V Complex Digital Transistors
IMD9AT108 ROHM-IMD9AT108 Datasheet
591Kb / 9P
NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD4T2R ROHM-EMD4T2R Datasheet
563Kb / 8P
NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMD6NTR ROHM-UMD6NTR Datasheet
516Kb / 8P
NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com