Electronic Components Datasheet Search
  English  ▼

X  

SM8707 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM8707
Description  Clock Generator with Dual PLLs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8707 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM8707 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8707 Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SM8707 series
NIPPON PRECISION CIRCUITS INC.—9
SM8707F
fXTAL = 27.0000MHz, VDD = 3.3V ± 0.3V, VSS = 0V, Ta = – 40 to + 85 °C unless otherwise noted.
Parameter
Symbol
Pins
Condition
Rating
Unit
min
typ
max
External input clock
frequency1
1. When using an external clock input, the XTI duty should be 50% with 3.3V clock signal amplitude level. The input signal voltage should not exceed the
absolute maximum rating, otherwise damage may occur.
fXTI
XTI
Applies to external clock input use only
–
27.0000
–
MHz
Output clock rise time2
2. The numeric values are measured values obtained using the circuit in Figure 1 and the NPC standard evaluation board.
tr
MO1, SO1,
SO2
CL = 25 pF, transition between VOL =
0.2VDD and VOH = 0.8VDD
–
2.0
–
ns
AO1, AO2
CL = 15pF, transition between
VOL = 0.2VDD and VOH = 0.8VDD
–
2.0
–
Output clock fall time2
tf
MO1, SO1,
SO2
CL = 25pF, transition between VOH =
0.8VDD and VOL = 0.2VDD
–
2.0
–
ns
AO1, AO2
CL = 15pF, transition between
VOH = 0.8VDD and VOL = 0.2VDD
–
2.0
–
Output clock jitter3
3. The numeric values are measured values obtained using the circuit in Figure 2 and the NPC standard evaluation board.
tjitter
(1-sigma)
MO1
Ta = 25
°C, CL = 25pF, VO = 0.5VDD
–20–
ps
SO1, SO2
–
40
–
AO1, AO2
Ta = 25
°C, CL = 15pF, VO = 0.5VDD
–40–
Output clock duty cycle2
Dt
MO1, SO1,
SO2
Ta = 25
°C, CL = 25pF, VO = 0.5VDD
45
50
55
%
AO1, AO2
Ta = 25
°C, CL =15 pF, VO = 0.5VDD
45
50
55
Settling time2
tS
All outputs
excluding XTO
––1
µs
Power-up time2, 4
4. This is the time, after the supply is turned ON from the OFF state, until the output clock reaches
± 0.1% of the specified frequency.
tP
All outputs
excluding XTO
–15
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com