Electronic Components Datasheet Search
  English  ▼

X  

LMC6082 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6082
Description  Precision CMOS Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6082 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC6082 Datasheet HTML 1Page - National Semiconductor (TI) LMC6082 Datasheet HTML 2Page - National Semiconductor (TI) LMC6082 Datasheet HTML 3Page - National Semiconductor (TI) LMC6082 Datasheet HTML 4Page - National Semiconductor (TI) LMC6082 Datasheet HTML 5Page - National Semiconductor (TI) LMC6082 Datasheet HTML 6Page - National Semiconductor (TI) LMC6082 Datasheet HTML 7Page - National Semiconductor (TI) LMC6082 Datasheet HTML 8Page - National Semiconductor (TI) LMC6082 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V
+) +0.3V,
(V
−) −0.3V
Supply Voltage (V
+ −V−)
16V
Output Short Circuit to V
+
(Note 11)
Output Short Circuit to V
−
(Note 2)
Lead Temperature
(Soldering, 10 Sec.)
260˚C
Storage Temp. Range
−65˚C to +150˚C
Junction Temperature
150˚C
ESD Tolerance (Note 4)
2 kV
Current at Input Pin
±10 mA
Current at Output Pin
±30 mA
Current at Power Supply Pin
40 mA
Power Dissipation
(Note 3)
Operating Ratings (Note 1)
Temperature Range
LMC6082AM
−55˚C
≤ T
J ≤ +125˚C
LMC6082AI, LMC6082I
−40˚C
≤ T
J ≤ +85˚C
Supply Voltage
4.5V
≤ V+ ≤ 15.5V
Thermal Resistance (
θ
JA) (Note 12)
8-Pin Molded DIP
115˚C/W
8-Pin SO
193˚C/W
Power Dissipation
(Note 10)
DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 5V, V−
= 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
Typ
LMC6082AM
LMC6082AI
LMC6082I
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Limit
Units
(Note 6)
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
150
350
350
800
µV
1000
800
1300
Max
TCV
OS
Input Offset Voltage
1.0
µV/˚C
Average Drift
I
B
Input Bias Current
0.010
pA
100
4
4
Max
I
OS
Input Offset Current
0.005
pA
100
2
2
Max
R
IN
Input Resistance
>10
Tera
Ω
CMRR
Common Mode
0V
≤ V
CM ≤ 12.0V
85
75
75
66
dB
Rejection Ratio
V
+ = 15V
72
72
63
Min
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V
85
75
75
66
dB
Rejection Ratio
V
O = 2.5V
72
72
63
Min
−PSRR
Negative Power Supply
0V
≤ V− ≤ −10V
94
84
84
74
dB
Rejection Ratio
81
81
71
Min
V
CM
Input Common-Mode
V
+ = 5V and 15V
−0.4
−0.1
−0.1
−0.1
V
Voltage Range
for CMRR
≥ 60 dB
00
0
Max
V
+ − 1.9
V
+ − 2.3
V
+ − 2.3
V
+ − 2.3
V
V
+ − 2.6
V
+ − 2.5
V
+ − 2.5
Min
A
V
Large Signal
R
L = 2kΩ
Sourcing
1400
400
400
300
V/mV
Voltage Gain
(Note 7)
300
300
200
Min
Sinking
350
180
180
90
V/mV
70
100
60
Min
R
L = 600Ω
Sourcing
1200
400
400
200
V/mV
(Note 7)
150
150
80
Min
Sinking
150
100
100
70
V/mV
35
50
35
Min
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com