Electronic Components Datasheet Search
  English  ▼

X  

PC12 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # PC12
Description  Reliable solid state operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PC12 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  PC12 Datasheet HTML 1Page - Laird Tech Smart Technology PC12 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUFFIX
THICKNESS
FLATNESS &
PARALLELISM
HOT
FACE
COLD
FACE
LEAD
LENGTH
TA
0.118”± 0.001”
0.001” / 0.001”
Lapped
Lapped
6”
TB
0.118”± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
6”
Power-Cycling Series
PC12,139,F1,3550,TA,W6
Thermal Cycling Module
Americas: +1.919.597.7300
Europe: +46.31.420530
Asia: +86.755.2714.1166
ets.sales@lairdtech.com
www.lairdtech.com
PERFORMANCE SPECIFICATIONS
Hot Side Temperature (°C)
25°C
50°C
Qmax (Watts)
117.1
128.7
Delta Tmax (°C)
67
75
Imax (Amps)
12.3
12.3
Vmax (Volts)
15.5
17.6
Module Resistance (Ohms)
1.17
1.32
FEATURES
• High thermal cycling capability
• Precise temperature control
• Reliable solid state operation
• No sound or vibration
• RoHS Compliant
APPLICATIONS
• Molecular Diagnostics
• Clinical Diagnostics
• Analytical Instrumentation
• Electronic Enclosure Cooling
• Chillers (Liquid Cooling)
The PowerCycling Series is a thermoelectric module (TEM) designed for thermal cycling
between multiple temperature set points and is ideal for applications in healthcare
[and others] where fast temperature changes are required. The module is specially
constructed to reduce the amount of stress induced on the TE elements during operation.
This product line has been tested to withstand 500K cycles without degradation in
performance. The TEMs are assembled using Bismuth Telluride semiconductor material
and thermally conductive Aluminum Oxide ceramics.
SUFFIX SEALANT COLOR TEMP RANGE DESCRIPTION
RT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
SEALING OPTION


Similar Part No. - PC12

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC12 PICKER-PC12 Datasheet
549Kb / 2P
80 Amp PCB Latching Relay
logo
Superworld Electronics
PC12-100 SUPERWORLD-PC12-100 Datasheet
110Kb / 1P
POWER TRANSFORMER
PC12-2000 SUPERWORLD-PC12-2000 Datasheet
110Kb / 1P
POWER TRANSFORMER
PC12-350 SUPERWORLD-PC12-350 Datasheet
110Kb / 1P
POWER TRANSFORMER
PC12-70 SUPERWORLD-PC12-70 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - PC12

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
OT08 LSTD-OT08 Datasheet
802Kb / 2P
Reliable solid state operation
SH14 LSTD-SH14 Datasheet
516Kb / 2P
Reliable solid state operation
MRC150 LSTD-MRC150 Datasheet
738Kb / 2P
Reliable Solid State Operation
AA-040-12-22 LSTD-AA-040-12-22 Datasheet
934Kb / 2P
Reliable solid-state operation
AA-200-24-22 LSTD-AA-200-24-22 Datasheet
959Kb / 2P
Reliable solid-state operation
DL-120-24-00-00-00 LSTD-DL-120-24-00-00-00 Datasheet
232Kb / 4P
Reliable solid-state operation
OT20 LSTD-OT20 Datasheet
604Kb / 2P
Reliable solid state operation
PT6 LSTD-PT6 Datasheet
609Kb / 2P
Reliable Solid State Operation
UT11 LSTD-UT11 Datasheet
628Kb / 2P
Reliable solid state operation
ZT7 LSTD-ZT7 Datasheet
540Kb / 2P
Reliable solid state operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com