Electronic Components Datasheet Search
  English  ▼

X  

PT4 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # PT4
Description  Reliable Solid State Operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PT4 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  PT4 Datasheet HTML 1Page - Laird Tech Smart Technology PT4 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
SUFFIX THICKNESS
(PRIOR TO TINNING)
FLATNESS &
PARALLELISM
HOT
FACE
COLD
FACE
Lead
Length
TA
0.163” +/- 0.001”
0.001” / 0.001”
Lapped
Lapped
6.0”
TB
0.163” +/- 0.0005”
0.0005” / 0.0005” Lapped
Lapped
6.0”
SUFFIX SEALANT COLOR TEMP RANGE DESCRIPTION
R
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
E
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
Innovative Technology
for a Connected World
PolarTEC™Series PT4,7,F2,3030
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FEATURES
• StrongLeadAttachment
• PreciseTemperatureControl
• ReliableSolidStateOperation
• NoSoundorVibration
• DCOperation
• RoHSCompliant
APPLICATIONS
• AnalyticalInstrumentation
• PhotonicsLaserSystems
• ElectronicEnclosureCooling
• FoodandBeverageCooling
• Chillers(LiquidCooling)
• ConsumerAppliances
ThePolarTEC™ Seriesconsistsofporch-stylethermoelectricmodules(TEMs).Thehot
sideoftheceramichasanextendededgethatallowsstrongleadattachment
toaccommodatethewiringofmultipleTEMsintoanarray.
Thisproductlineisavailablein4,6,and8Ampconfigurationsandisidealforhigh-
volumeproduction.AssembledwithBismuthTelluridesemiconductormaterial
andthermallyconductiveAluminumOxideceramics,thePolarTEC™ Seriesis
designedforhighercurrentandlargerheat-pumpingapplications.
PERFORMANCE SPECIFICATIONS
Hot Side Temperature (°C)
25°C
50°C
Qmax (Watts)
18.4
20.2
Delta Tmax (°C)
67
75
Imax (Amps)
3.8
3.8
Vmax (Volts)
8.1
9.2
Module Resistance (Ohms)
1.95
2.20
SEALING OPTION


Similar Part No. - PT4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT4 ETC-PT4 Datasheet
100Kb / 2P
pulse transformers
Friday, 24 March 2006
logo
Alfatronix Ltd
PT40 ALFATRONIX-PT40 Datasheet
172Kb / 2P
PowerTector Series Low Voltage Disconnect
PT40 ALFATRONIX-PT40 Datasheet
106Kb / 2P
Solid State Battery GuardS
PT40-T ALFATRONIX-PT40-T Datasheet
106Kb / 2P
Solid State Battery GuardS
logo
API Delevan
PT400-1200 API-PT400-1200 Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
More results

Similar Description - PT4

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
OT08 LSTD-OT08 Datasheet
802Kb / 2P
Reliable solid state operation
SH14 LSTD-SH14 Datasheet
516Kb / 2P
Reliable solid state operation
MRC150 LSTD-MRC150 Datasheet
738Kb / 2P
Reliable Solid State Operation
AA-040-12-22 LSTD-AA-040-12-22 Datasheet
934Kb / 2P
Reliable solid-state operation
AA-200-24-22 LSTD-AA-200-24-22 Datasheet
959Kb / 2P
Reliable solid-state operation
DL-120-24-00-00-00 LSTD-DL-120-24-00-00-00 Datasheet
232Kb / 4P
Reliable solid-state operation
OT20 LSTD-OT20 Datasheet
604Kb / 2P
Reliable solid state operation
PT6 LSTD-PT6 Datasheet
609Kb / 2P
Reliable Solid State Operation
UT11 LSTD-UT11 Datasheet
628Kb / 2P
Reliable solid state operation
ZT7 LSTD-ZT7 Datasheet
540Kb / 2P
Reliable solid state operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com