Electronic Components Datasheet Search
  English  ▼

X  

3030 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # 3030
Description  Reliable Solid State Operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

3030 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  3030 Datasheet HTML 1Page - Laird Tech Smart Technology 3030 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOT FACE
(SEE TABLE)
1.18
(30.0)
1.34
(34.0)
(-) BLACK
(+) RED
AWG 18 PVC
(SEE TABLE)
1.18
(30.0)
THICKNESS
(SEE TABLE)
COLD FACE
(SEE TABLE)
Innovative Technology
for a Connected World
THR-DS-PT4,7,F2,3030 1111
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility
for the use and application of Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird
Technologies makes no warranties as to the fitness, merchantability or suitability of any Laird Technologies materials or products for any specific or general uses. Laird
Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and
Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2010 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product
or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
PolarTEC™Series PT4,7,F2,3030
Thermoelectric Modules
OPERATING TIPS
•MaxOperatingTemperature:80°C
•DonotexceedImaxorVmaxwhen
operatingmodule
•Referenceassemblyguidelinesfor
recommendedinstallation
THERMO
ELECTRIC
Performance Curves at Th = 25°C
Delta T (°C)
Delta T (°C)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
20.0
18.0
0
10
20
30
40
50
60
70
80
3.8 A
3.1 A
2.3 A
1.5 A
0.8 A
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0
10
20
30
40
50
60
70
80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com