Electronic Components Datasheet Search
  English  ▼

X  

SS-1KA Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SS-1KA
Description  Lead-free solder compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SS-1KA Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SS-1KA Datasheet HTML 1Page - Laird Tech Smart Technology SS-1KA Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
TlamTM SS 1KA
Thermally Conductive PCB Substrate
TherMAlly ConduCTive PrinTed CirCuiT BoArd SuBSTrATe
Tlam SS 1KA™ is a thermally conductive printed circuit board (PCB) substrate. The substrate consists of a
copper circuit layer bonded to an aluminum or copper base plate with Laird Technologies’ 3 watt/m-K 1KA
dielectric. Tlam SS 1KA™ materials are processed through standard FR4 print and etch operations.
Tlam SS 1KA has 8-10 times better thermal conductivity compared to FR4, and this is the key to keeping
components cool. The Tlam SS 1KA boards run through standard pick and place SMT and manual wire
bond processes.
Tlam SS 1KA is designed for applications that require the best thermal performance and resistance to
thermal cycling. Customers have found that Tlam SS 1KA reduces the stress on solder bonds with
ceramic devices.
Standard constructions are made with 1 and 2 ounce copper and 0.040 (1 mm) and 0.062 (1.6 mm) inch
thick aluminum. Custom constructions of heavier weight circuit copper and thicker aluminum and copper
base plates are also available.
FeATureS And BeneFiTS
• UL 746B Electrical/Mechanical RTI as
high as 130°C
• RoHS compliant
• Environmentally green
• Lead-free solder compatible
• Compliant for low bond stress
Americas: +1.800.843.4556
Europe: +49.8031.2460.0
Asia: +86.755.2714.1166
CLV-customerservice@lairdtech.com
www.lairdtech.com/thermal
APPliCATionS
• Network DC/DC power converters
• Battery powered equipment DC/DC
power converters
• Ultra bright LED substrates


Similar Part No. - SS-1KA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
Subminiature Basic Switch
logo
Copal Electronics
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
ROTARY SELECTOR SWITCHES
SS-10-15S-PE COPAL-SS-10-15S-PE Datasheet
159Kb / 6P
ROTARY SELECTOR SWITCHES
SS-10-15SP-EW COPAL-SS-10-15SP-EW Datasheet
159Kb / 6P
ROTARY SELECTOR SWITCHES
SS-10-15SP-L-E COPAL-SS-10-15SP-L-E Datasheet
159Kb / 6P
ROTARY SELECTOR SWITCHES
More results

Similar Description - SS-1KA

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
IMPCB-LLD LSTD-IMPCB-LLD Datasheet
510Kb / 1P
Lead-free solder compatible
logo
STANLEY ELECTRIC CO.,LT...
VCEL1152GS-TR STANLEY-VCEL1152GS-TR Datasheet
729Kb / 25P
Lead-free soldering compatible
VCEW1152GA3S-TR STANLEY-VCEW1152GA3S-TR Datasheet
765Kb / 26P
Lead-free soldering compatible
VCFW1151CA3S-TR STANLEY-VCFW1151CA3S-TR Datasheet
663Kb / 25P
Lead-free soldering compatible
VCKB1111CS-TR STANLEY-VCKB1111CS-TR Datasheet
553Kb / 22P
Lead-free soldering compatible
VSTL1156GSE-TR STANLEY-VSTL1156GSE-TR Datasheet
734Kb / 26P
Lead-free soldering compatible
FKY1112H-TR STANLEY-FKY1112H-TR Datasheet
495Kb / 21P
Lead-free soldering compatible
FKY1113F-TR STANLEY-FKY1113F-TR Datasheet
580Kb / 20P
Lead-free soldering compatible
VFHA1111CS-3BZ3B-TR STANLEY-VFHA1111CS-3BZ3B-TR Datasheet
540Kb / 23P
Lead-free soldering compatible
FKR1111C-TR STANLEY-FKR1111C-TR Datasheet
1Mb / 20P
Lead-free soldering compatible
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com