Electronic Components Datasheet Search
  English  ▼

X  

BAV100WS Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # BAV100WS
Description  For surface mounted applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

BAV100WS Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  BAV100WS Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BAV100WS Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BAV100WS Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SOD-123FL and symbol
Non-reptitive Peak Forward Surge Current
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Continuous Forward Current
VRRM
VRMS
IF
IFSM
Ptot
60
120
200
V
50
100
150
V
250
-55 ~ +150
A
mW
°C
Units
T , T
j
stg
Symbols
FEATURES
▪ For surface mounted applications
▪ Glass Passivated Chip Junction
▪ Fast reverse recovery time
▪ Ideal for automated placement
▪ Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
▪Case: SOD-323
▪Terminals: Solderable per MIL-STD-750, Method 2026
BAV100WS THRU BAV103WS
mA
Repetitive Peak Forward Current
IFRM
625
mA
at 1s
at 1ms
at 1 us
1
3
9
Absolute Maximum Ratings at 25
°C
Total Power Dissipation
500
Characteristics at T = 25 °C
a
Parameter
Reverse
Voltage
Breakdown
at I =100
R
μA
V(BR)R
60
120
250
V
Units
Symbols
BAV100WS BAV101WS
BAV103WS
Maximum Forward Voltage
VF
V
at 100 m A
at 200 m A
1.00
1.25
Maximum DC Reverse Current
T = 25
°C
a
at Rated DC Blocking Voltage
T =100
°C
a
IR
0.1
15
μA
5
pF
Cj
Typical Junction Capacitance
at V =4V, f=1MHz
R
Maximum Reverse Recovery Time
ns
trr
50
BAV100WS BAV101WS BAV102WS BAV103WS
BAV102WS
200
250
200
Typical Thermal Resistance
RθJA
550
°C/W
(1)
(1)P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
1
2
www.yfwdiode.com


Similar Part No. - BAV100WS

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
BAV100W-SOD123 YFWDIODE-BAV100W-SOD123 Datasheet
476Kb / 3P
For surface mounted applications
BAV100WL YFWDIODE-BAV100WL Datasheet
469Kb / 3P
For surface mounted applications
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
Glass Passivated Chip Junction
BAV100WL-SOD123FL YFWDIODE-BAV100WL-SOD123FL Datasheet
469Kb / 3P
For surface mounted applications
More results

Similar Description - BAV100WS

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
S2AA DEC-S2AA Datasheet
1Mb / 2P
For surface mounted applications
S5A DEC-S5A Datasheet
793Kb / 2P
For surface mounted applications
logo
Pan Jit International I...
ER3AA PANJIT-ER3AA Datasheet
113Kb / 6P
For surface mounted applications
logo
Diode Semiconductor Kor...
SL12 DSK-SL12 Datasheet
76Kb / 2P
For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
1N4148W-SOD123 YFWDIODE-1N4148W-SOD123 Datasheet
474Kb / 3P
For surface mounted applications
BAV19W-SOD123 YFWDIODE-BAV19W-SOD123 Datasheet
470Kb / 3P
For surface mounted applications
BAV19WSFL YFWDIODE-BAV19WSFL Datasheet
445Kb / 3P
For surface mounted applications
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
For surface mounted applications
logo
SHIKUES Electronics
BAS316 SKTECHNOLGY-BAS316 Datasheet
459Kb / 3P
For surface mounted applications
logo
Shanghai Leiditech Elec...
SMAZ5V1 LEIDITECH-SMAZ5V1 Datasheet
573Kb / 4P
For surface mounted applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com