Electronic Components Datasheet Search
  English  ▼

X  

MM3Z20 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MM3Z20
Description  Silicon Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MM3Z20 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MM3Z20 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MM3Z20 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MM3Z20 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics at Ta = 25
°C
(1) VZT is tested with pulses (20 ms)
Type
Marking
Zener Voltage Range
(1)
VZT
(at I )
ZT
IZT
Dynamic
Impedance
Reverse Current
Z
ZT
(at I )
ZT
IR
at VR
Max
(Ω)
Max
(μA)
(V)
Nom
(V)
Min
(V)
Max
(V)
(mA)
3.3
3.6
3.9
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
4.3
24
2.4
2.7
3.0
MM3Z2V0
MM3Z2V2
MM3Z2V4
MM3Z2V7
MM3Z3V0
MM3Z3V3
MM3Z3V6
MM3Z3V9
MM3Z4V3
MM3Z4V7
MM3Z5V1
MM3Z5V6
MM3Z6V2
MM3Z6V8
MM3Z7V5
MM3Z8V2
MM3Z9V1
MM3Z10
MM3Z11
MM3Z12
MM3Z13
MM3Z15
MM3Z16
MM3Z18
MM3Z20
MM3Z22
MM3Z24
MM3Z27
MM3Z30
MM3Z33
MM3Z36
MM3Z39
MM3Z43
MM3Z47
MM3Z51
MM3Z56
MM3Z62
MM3Z68
MM3Z75
2.28
2.5
2.8
3.1
3.4
3.7
4
4.4
4.8
5.2
5.8
6.4
7
7.7
8.5
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.8
25.1
28
31
34
37
40
44
48
52
58
64
70
2.56
2.9
3.2
3.5
3.8
4.1
4.6
5
5.4
6
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
14.1
15.6
17.1
19.1
21.2
23.3
25.6
28.9
32
35
38
41
46
50
54
60
66
72
79
30
27
43
47
51
62
68
75
56
33
36
39
B0
C0
1C
1D
1E
1F
1H
1J
1K
1M
1N
1P
1R
1X
1Y
1Z
2A
2B
2C
2D
2E
2F
2H
2J
2K
2M
2N
2P
2R
2X
2Y
2Z
3A
3B
3C
3D
3E
3F
3H
1.8
2.08
2.0
2.2
2.15
2.33
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2
2
2
2
2
2
2
2
2
2
2
2
100
100
100
110
120
130
130
130
130
130
130
80
50
30
30
30
30
30
30
35
35
40
40
45
50
55
60
70
80
80
90
100
130
150
180
200
215
240
265
120
120
120
120
50
20
10
5
5
2
2
1
1
0.5
0.5
0.5
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.5
0.7
1
1
1
1
1
1
1
1
1.5
2.5
3
3.5
4
5
6
7
8
9
10
11
12
13
15
17
19
21
23
25
27
30
33
36
39
43
47
52
56
MM3Z2V0 THRU MM3Z75
www.yfwdiode.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com