Electronic Components Datasheet Search
  English  ▼

X  

TSOP321 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSOP321
Description  IR Receiver Modules for Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP321 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSOP321 Datasheet HTML 1Page - Vishay Siliconix TSOP321 Datasheet HTML 2Page - Vishay Siliconix TSOP321 Datasheet HTML 3Page - Vishay Siliconix TSOP321 Datasheet HTML 4Page - Vishay Siliconix TSOP321 Datasheet HTML 5Page - Vishay Siliconix TSOP321 Datasheet HTML 6Page - Vishay Siliconix TSOP321 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TSOP321.., TSOP323.., TSOP325.., TSOP341.., TSOP343.., TSOP345..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 22-Jul-16
4
Document Number: 82490
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Sensitivity vs. Supply Voltage Disturbances
Fig. 8 - Maximum Envelope Duty Cycle vs. Burst Length
Fig. 9 - Sensitivity vs. Ambient Temperature
Fig. 10 - Relative Spectral Sensitivity vs. Wavelength
Fig. 11 - Horizontal Directivity
Fig. 12 - Sensitivity vs. Supply Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
1
10
100
1000
ΔV
S RMS - AC Voltage on DC Supply Voltage (mV)
f = f
0
f = 30 kHz
f = 10 kHz
f = 100 Hz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
20
40
60
80
100
120
Burst Length (Number of Cycles/Burst)
22180-8
f = 38 kHz,
E
e = 2 mW/m²
TSOP345.., TSOP325..
TSOP343.., TSOP323..
TSOP341..
TSOP321..
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
-30
-10
10
30
50
70
90
T
amb - Ambient Temperature (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
750
800
850
900
950 1000 1050 1100 1150
21425
λ- Wavelength (nm)
96 12223p2
0.4
0.2
0
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
drel - Relative Transmission Distance
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
1
2
3
4
5
V
S - Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com