Electronic Components Datasheet Search
  English  ▼

X  

VBUS54FD-SD1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VBUS54FD-SD1
Description  4-Line BUS-Port ESD Protection Array - Flow Through Design
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS54FD-SD1 Datasheet(HTML) 2 Page - Vishay Siliconix

  VBUS54FD-SD1 Datasheet HTML 1Page - Vishay Siliconix VBUS54FD-SD1 Datasheet HTML 2Page - Vishay Siliconix VBUS54FD-SD1 Datasheet HTML 3Page - Vishay Siliconix VBUS54FD-SD1 Datasheet HTML 4Page - Vishay Siliconix VBUS54FD-SD1 Datasheet HTML 5Page - Vishay Siliconix VBUS54FD-SD1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VBUS54FD-SD1
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 20-Sep-16
2
Document Number: 82665
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION NOTE
The VBUS54FD-SD1 is a four-line ESD-protection device with the characteristic of a Z-diode with a high ESD-immunity and a
very low capacitance which makes it usable for high frequency applications like USB 2.0, USB 3.0 or HDMI.
With the VBUS54FD-SD1 four high speed data lines can be protected against transient voltage signals like ESD (Electro Static
Discharge). Connected to the data line (pin 1, 3 and pin 4, 5) and to ground (pin 2) negative transients will be clamped close
below the ground level while positive transients will be clamped close above the 5.5 V working range. The clamping behavior
of the VBUS54FD-SD1 is bidirectional but asymmetrical (BiAs) and so it offers the best protection for applications running up
to 5.5 V.
Pin configuration:
• Pin 2 is the central ground pin and has to be connected to ground
• Pin 1, 3 and 4, 5 are the inputs for the data lines D1+ and D1- and D2+ and D2-
FLOW THROUGH DESIGN
Modern digital transmission lines can be clocked up to 480 Mbit/s (USB 2.0) or 1.65 Gbit/s (HDMI).
At such high data rates the transmission lines like cables or the line traces on the PCBs have to be very homogeneous regarding
their surge impedance. This requires well defined trace dimensions as trace width and distance which have to be calculated
depending on the requested surge impedance (e.g. 50
) and the PCB material and layer dimensions. Any device connected
to the data lines - like ESD-protection devices - have to be connected with minimal changes in these trace dimensions and
distances.
With the package in the so called “Flow Through Design” this is possible. The lines are running straight along the PCB while the
VBUS54FD-SD1 is placed on top without any vias or loops.
ELECTRICAL CHARACTERISTICS (pin 1, 3, 4 or 5 to pin 2)
(Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
4
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
5.5
V
Reverse voltage
at IR = 0.1 μA
VR
5.5
-
-
V
Reverse current
at VRWM = 5.5 V
IR
-
< 1 nA
0.1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
6.9
7.5
8.7
V
Reverse clamping voltage
at IPP = 1 A
VC
-9.5
11
V
at IPP = IPPM = 3 A
VC
-
12.9
15
V
Forward clamping voltage
at IPP = 1 A
VF
-1.8
2.2
V
at IPP = 3 A
VF
-3
4
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-0.9
1
pF
at VR = 3.3 V; f = 1 MHz
-
0.9
1
pF
Clamping voltage
Transmission Line Pulse (TLP); tp = 100 ns, ITLP = 8 A
VC-TLP
-18-
V
Clamping voltage
Transmission Line Pulse (TLP); tp = 100 ns, ITLP = 16 A
VC-TLP
-24-
V
Dynamic resistance
Transmission Line Pulse (TLP); tp = 100 ns
VC-TLP
-0.93-
22736
13
2
5
4
Receiver
Transmitter
1
2
3
5
4
22737



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com