Electronic Components Datasheet Search
  English  ▼

X  

LMC6442IM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6442IM
Description  Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6442IM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMC6442IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6442IM Datasheet HTML 9Page - National Semiconductor (TI) LMC6442IM Datasheet HTML 10Page - National Semiconductor (TI) LMC6442IM Datasheet HTML 11Page - National Semiconductor (TI) LMC6442IM Datasheet HTML 12Page - National Semiconductor (TI) LMC6442IM Datasheet HTML 13Page - National Semiconductor (TI) LMC6442IM Datasheet HTML 14Page - National Semiconductor (TI) LMC6442IM Datasheet HTML 15Page - National Semiconductor (TI) LMC6442IM Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Application Circuits (Continued)
Offset Nulling Schemes
10006444
Ordering Information
Package
Temperature Range
NSC
Drawing
Supplied
AS
Package Marking
Industrial −40˚C to +85˚C
Military −55˚C to
+125˚C
8-pin SO-8
LMC6442AIM, LMC6442IM
-
M08A
Rails
LMC6442AIM
LMC6442IM
LMC6442AIMX, LMC6442IMX
-
M08A
2.5K
Tape and
Reel
MSOP
LMC6442AIMM,
LMC6442AIMMX, LMC6442IMM,
LMC6442IMMX
-
MUA08A
Rails
A08A
LMC6442AIMMX,
LMC6442IMMX
-
MUA08A
3K Tape
and Reel
8-pin DIP
LMC6442AIN, LMC6442IN
-
N08E
Rails
LMC6442AIN,
LMC6442IN
8-pin CDIP
-
5962-9761301QPA
J08A
Rails
LMC6442AMJ-QML
5962-976130IQPA
10-pin SO
-
5962-9761301QXA
WG10A
Trays
LMC6442AMWG-Q
9761301QXA
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com