Electronic Components Datasheet Search
  English  ▼

X  

F211AF104K063C Datasheet(PDF) 24 Page - Kemet Corporation

Part # F211AF104K063C
Description  SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F211AF104K063C Datasheet(HTML) 24 Page - Kemet Corporation

Back Button F211AF104K063C Datasheet HTML 17Page - Kemet Corporation F211AF104K063C Datasheet HTML 18Page - Kemet Corporation F211AF104K063C Datasheet HTML 19Page - Kemet Corporation F211AF104K063C Datasheet HTML 20Page - Kemet Corporation F211AF104K063C Datasheet HTML 21Page - Kemet Corporation F211AF104K063C Datasheet HTML 22Page - Kemet Corporation F211AF104K063C Datasheet HTML 23Page - Kemet Corporation F211AF104K063C Datasheet HTML 24Page - Kemet Corporation F211AF104K063C Datasheet HTML 25Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3072_SMR • 9/28/2016 24
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
SMR Series Metallized Polyphenylene Sulfide Film, +150°C, 5.0 – 27.5 mm Lead Spacing, 50 – 400 VDC
H
T
W
Lead Taping & Packaging (IEC 60286–2) cont'd
Ammo Specifications
Series
Dimensions (mm)
H
W
T
R4x,R4x+R,R7x,RSB
360
340
59
F5A, F5B, F5D
F6xx, F8xx
PHExxx, PMExxx, PMRxxx,
SMR & PFR
330
330
50
Reel Specifications
Series
Dimensions (mm)
D
H
W
R4x,R4x+R,R7x,RSB
355
500
30
25
55 (Max)
F5A, F5B, F5D
F6xx, F8xx
PHExxx, PMExxx, PMRxxx,
SMR & PFR
360
500
30
46 (Max)
Manufacturing Date Code (IEC–60062)
Y = Year, Z = Month
Year
Code
Month
Code
2000
M
January
1
2001
N
February
2
2002
P
March
3
2003
R
April
4
2004
S
May
5
2005
T
June
6
2006
U
July
7
2007
V
August
8
2008
W
September
9
2009
X
October
O
2010
A
November
N
2011
B
December
D
2012
C
2013
D
2014
E
2015
F
2016
H
2017
J
2018
K
2019
L
2020
M
D
W
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com