Electronic Components Datasheet Search
  English  ▼

X  

TFR433M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TFR433M
Description  SAW Resonator Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TFR433M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TFR433M Datasheet HTML 1Page - List of Unclassifed Manufacturers TFR433M Datasheet HTML 2Page - List of Unclassifed Manufacturers TFR433M Datasheet HTML 3Page - List of Unclassifed Manufacturers TFR433M Datasheet HTML 4Page - List of Unclassifed Manufacturers TFR433M Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
tfr433m.doc
version 1.0
16.08.2002
VI TELEFILTER
SAW Resonator Specification
TFR 433M
2/5
Construction, pin configuration and 50
Ω - matching network
(All dimensions in mm)
433 M
R P34
Date code
3
1
5
7
5.0 SQ
+0.15
-0.1
date code:
year + week
M
2000
N
2001
P
2002
....
pin 1
ground
pin 5
ground
pin 2
output
pin 6
input
pin 3
ground
pin 7
ground
pin 4
package ground
pin 8
package ground
50 Ohm test circuit 1
6
6
2
2
RM
LM
CM
VI TELEFILTER
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com