Electronic Components Datasheet Search
  English  ▼

X  

TFS150N Datasheet(PDF) 2 Page - Vanguard International Semiconductor

Part # TFS150N
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

TFS150N Datasheet(HTML) 2 Page - Vanguard International Semiconductor

  TFS150N Datasheet HTML 1Page - Vanguard International Semiconductor TFS150N Datasheet HTML 2Page - Vanguard International Semiconductor TFS150N Datasheet HTML 3Page - Vanguard International Semiconductor TFS150N Datasheet HTML 4Page - Vanguard International Semiconductor TFS150N Datasheet HTML 5Page - Vanguard International Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
File name: Tfs150N.doc
Version 3.2
13.01.2003
VI TELEFILTER
Filter specification
TFS 150N
2/5
3 Construction and pin connection :
(All dimensions in mm)
35 Max.
ø 1
ø 0,45
2,54
11 X 2,54 = 27,94
Date code
TFS
150 N
R22
Date code:
Year + week
N
2001
P
2002
R
2003
....
....
Pin 2
Input.
Pin 3
Input RF return.
Pin 14
Output.
Pin 15
Output RF return.
Pin 1, 4, 9, 12, 13, 16, 21, 24
–
- Package ground.
Pin 10, 11, 22, 23 not connected.
4. 50
matching network ( for details refer to application note ) :
50
50
Scheme 1
L1
L3
L2
L4
50
C1
50
Scheme 2
L1
L2
C2
For final test we use scheme 1.
VI TELEFILTER
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed
as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com