Electronic Components Datasheet Search
  English  ▼

X  

SA24WB Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SA24WB
Description  Type N female integrated connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SA24WB Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SA24WB Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
2300-2700 MHZ VERTICALLY POLARIZED BASE STATION SECTOR ANTENNA
The 60deg, 90deg and 120deg vertically polarized base station sector antenna systems offered by Laird are
constructed of UV stable fiber glass radomes. The 45deg sector has a UV Stable ASA plastic radome. The radome
construction gives long service life under the most demanding conditions. The antennas are constructed using
corrosion resistant metal elements and a unique air dielectric system which are more stable than PCB based
antenna systems because they don’t absorb moisture, which can degrade the performance of PCB based antenna
systems. The sectors come with a stainless steel scissor bracket mounting system for ease of installation and
alignment.
FEATURES
•
Vertically polarized wide band performance
•
45, 60, 90, and 120 deg models with gains from 16dBi to 20dBi
•
Type N female integrated connector
•
Extremely rugged for long service life in extreme environments
•
Weatherproof
SA24WB
Vertically Polarized Sector Antennas
PARAMETER
Frequency range
SA24-45-20-WB
2300 - 2700 MHz
SA24-60-17-WB
2300 - 2700 MHz
SA24-90-17-WB
2300 - 2700 MHz
SA24-120-16-WB
2300 - 2700 MHz
VSWR
1.5:1
1.5:1
1.5:1
1.5:1
Impedance
50 ohm
50 ohm
50 ohm
50 ohm
Input power
50W
50W
50W
50W
Pole diameter (OD)
1”- 2” (25-50mm)
1”- 2” (25-50mm)
1”- 2” (25-50mm)
1”- 2” (25-50mm)
Temperature
-40°C to +70°C
-40°C to +70°C
-40°C to +70°C
-40°C to +70°C
Gain
20 dBi
17 dBi
17 dBi
16 dBi
Horizontal beamwidth
45°
60°
90°
120°
Vertical beamwidth
7°
8°
7°
9°
Front-to-back
25 dB
25 dB
20 dB
21 dB
Mechanical downtilt
30°
30°
30°
30°
Weight
8.4 lbs (3.8 kg)
6.6 lbs (3 kg)
6.6 lbs (3 kg)
6.6 lbs (3 kg)
Dimensions (L x W x H)
34” x 7” x 3.5”
(864 x 178 x 89mm)
33.5” x 6.5” x 2.5”
(851 x 165 x 64mm)
33.5” x 6.5” x 2.5”
(851 x 165 x 64mm)
33.5” x 6.5” x 2.5”
(851 x 165 x 64mm)
MARKETS
•
WiMAX applications
•
Base station antennas
•
802.11b and 802.11g wireless systems
•
Point to multi-point systems
•
Broadband wireless access
•
MMDS applications
ANT-DS-SA24WB_0115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
WIND LOADING
MODEL SQ. IN 100 MPH 125 MPH
E
SA24 WB
247
61.8 lb
96.5 lb
100 MPH 1/2” RADIAL
IC 62 lb
SYSTEM ORDERING
SA24-45-20-
WB
SA24-60-17-
SA24-90-17-
WB
SA2WB4-120-16-WB
45deg 20dBi 2300-2700MHz VPOL sector
antenna 60deg 17dBi 2300-2700MHz VPOL
sector antenna 90deg 17dBi 2300-2700MHz
VPOL
sector
antenna
120deg
16dBi
2300-2700MHz VPOL sector antenna
Typical azimuth and
elevation pattern
SA24-90-17-WB


Similar Part No. - SA24WB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA24 PANJIT-SA24 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA24 WTE-SA24 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA24 BYTES-SA24 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA24 DCCOM-SA24 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA24 EIC-SA24 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA24WB

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SA24 LSTD-SA24 Datasheet
875Kb / 1P
Type N female integrated connector
OD58-12 LSTD-OD58-12 Datasheet
959Kb / 1P
Type N female integrated bulkhead connector
ODH24-13 LSTD-ODH24-13 Datasheet
792Kb / 1P
Type N female integrated connector
ODH24-9-WB LSTD-ODH24-9-WB Datasheet
801Kb / 1P
Type N female integrated connector
OD24 LSTD-OD24 Datasheet
1Mb / 1P
Type N female integrated bulkhead connector
OD24-7D5 LSTD-OD24-7D5 Datasheet
1Mb / 1P
Type N female integrated bulkhead connector
SAH35 LSTD-SAH35 Datasheet
1Mb / 1P
Type N female integrated connector
SA49 LSTD-SA49 Datasheet
1Mb / 1P
Type N female integrated connector
SAH9-120-12 LSTD-SAH9-120-12 Datasheet
507Kb / 1P
Type N female integrated connector standard
SA58-WB LSTD-SA58-WB Datasheet
991Kb / 1P
Type N female integrated connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com