Electronic Components Datasheet Search
  English  ▼

X  

IRHM7250 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM7250
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7250 Datasheet(HTML) 1 Page - International Rectifier

  IRHM7250 Datasheet HTML 1Page - International Rectifier IRHM7250 Datasheet HTML 2Page - International Rectifier IRHM7250 Datasheet HTML 3Page - International Rectifier IRHM7250 Datasheet HTML 4Page - International Rectifier IRHM7250 Datasheet HTML 5Page - International Rectifier IRHM7250 Datasheet HTML 6Page - International Rectifier IRHM7250 Datasheet HTML 7Page - International Rectifier IRHM7250 Datasheet HTML 8Page - International Rectifier IRHM7250 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
26
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
16
IDM
Pulsed Drain Current Œ
104
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy 
500
mJ
IAR
Avalanche Current Œ
26
A
EAR
Repetitive Avalanche Energy Œ
15
mJ
dv/dt
Peak Diode Recovery dv/dt Ž
5.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
9.3 (Typical)
g
PD - 90674C
Pre-Irradiation
International Rectifier’s RADHard HEXFET® technol-
ogy provides high performance power MOSFETs for
space applications. This technology has over a de-
cade of proven performance and reliability in satellite
applications. These devices have been character-
ized for both Total Dose and Single Event Effects (SEE).
The combination of low Rdson and low gate charge
reduces the power losses in switching applications
such as DC to DC converters and motor control. These
devices retain all of the well established advantages
of MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of elec-
trical parameters.
oC
A
RADIATION HARDENED
JANSR2N7269
POWER MOSFET
THRU-HOLE (TO-254AA)
10/11/00
www.irf.com
1
200V, N-CHANNEL
RAD Hard
™ HEXFET
®
TECHNOLOGY
Product Summary
Part Number Radiation Level
RDS(on)
ID
QPL Part Number
IRHM7250
100K Rads (Si)
0.10
Ω
26A
JANSR2N7269
IRHM3250
300K Rads (Si)
0.10
Ω
26A
JANSF2N7269
IRHM4250
600K Rads (Si)
0.10
Ω
26A
JANSG2N7269
IRHM8250
1000K Rads (Si) 0.10
Ω
26A
JANSH2N7269
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Eyelets
n Light Weight
For footnotes refer to the last page
IRHM7250
REF: MIL-PRF-19500/603
TO-254AA


Similar Part No. - IRHM7250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7250 IRF-IRHM7250 Datasheet
336Kb / 12P
Simple Drive Requirements
IRHM7250 IRF-IRHM7250 Datasheet
264Kb / 12P
RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHM7250 IRF-IRHM7250_15 Datasheet
336Kb / 12P
Simple Drive Requirements
More results

Similar Description - IRHM7250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM93130 IRF-IRHM93130 Datasheet
139Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
JANSR2N7423 IRF-JANSR2N7423 Datasheet
133Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-254AA)
IRHM9150 IRF-IRHM9150 Datasheet
136Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9260 IRF-IRHM9260 Datasheet
123Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7Z60 IRF-IRHM7Z60 Datasheet
131Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7260 IRF-IRHM7260 Datasheet
265Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE(T0-254AA)
JANSR2N7392 IRF-JANSR2N7392 Datasheet
274Kb / 8P
RADIATION HARDENED POWER MOSFET THRU - HOLE ( TO - 254AA )
IRHM7054 IRF-IRHM7054 Datasheet
166Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM57Z60 IRF-IRHM57Z60 Datasheet
121Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7450 IRF-IRHM7450_06 Datasheet
303Kb / 12P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com