Electronic Components Datasheet Search
  English  ▼

X  

THS14F01 Datasheet(PDF) 21 Page - Texas Instruments

Part # THS14F01
Description  14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS14F01 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS14F01 Datasheet HTML 15Page - Texas Instruments THS14F01 Datasheet HTML 16Page - Texas Instruments THS14F01 Datasheet HTML 17Page - Texas Instruments THS14F01 Datasheet HTML 18Page - Texas Instruments THS14F01 Datasheet HTML 19Page - Texas Instruments THS14F01 Datasheet HTML 20Page - Texas Instruments THS14F01 Datasheet HTML 21Page - Texas Instruments THS14F01 Datasheet HTML 22Page - Texas Instruments THS14F01 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
THS14F01, THS14F03
14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS
WITH FIFO INTERNAL REFERENCE AND PGA
SLAS285 – JUNE 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
internal/external reference operation
The THS14F01/3 ADC can either be operated using the built-in band gap reference or using an external
precision reference in case very high dc accuracy is needed.
The REF+ and REF+ outputs are given by:
REF
)+ VBG 1 ) 2
3
and REF–
+ VBG 1– 2
3
If the built-in reference is used, VBG equals 1.5 V which results in REF+ = 2.5 V, REF– = 0.5 V and
∆REF =
2V.
The internal reference can be disabled by writing 1 to D12 (REF) in the control register (address 3). The band
gap reference is then disconnected and can be substituted by a voltage on the VBG pin.
programmable gain amplifier
The on-chip programmable gain amplifier (PGA) has eight gain settings. The gain can be changed by writing
to the PGA gain register (address 1). The range is 0 to 7dB in steps of one dB.
out of range indication
The OV output of the ADC indicates an out of range condition. Every time the difference on the analog inputs
exceeds the differential reference, this signal is asserted. This signal is updated the same way as the digital data
outputs and therefore subject to the same pipeline delay.
offset compensation
With the offset register it is possible to automatically compensate system offset errors, including errors caused
by additional signal conditioning circuitry. If the offset compensation is enabled (D7 (OFF) in the control register),
the value in the offset register (address 2) is automatically subtracted from the output of the ADC.
In order to set the correct value of the offset compensation register, the ADC result when the input signal is 0
must be read by the host processor and written to the offset register (address 2).
test modes
The ADC core operation can be tested by selecting one of the available test modes (see control register
description). The test modes apply various voltages to the differential input depending on the setting in the
control register.
digital I/O
The digital inputs and outputs of the THS14F01/3 ADC are 3-V CMOS compatible. In order to avoid current feed
back errors, the capacitive load on the digital outputs should be as low as possible (50 pF max). Series resistors
(100
Ω) on the digital outputs can improve the performance by limiting the current during output transitions.
The parallel interface of the THS14F01/3 ADC features 3-state buffers, making it possible to directly connect
it to a data bus. The output buffers are enabled by driving the OE input low.
Refer to the read and write timing diagrams in the parameter measurement information section for information
on read and write access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com