Electronic Components Datasheet Search
  English  ▼

X  

B550B Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # B550B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

B550B Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  B550B Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD B550B Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50.0
200
150.0
5.0
B5A0B
B580B
B560B
B550B
B540B
B530B
B520B
5A0B
5
B 20B THRU B
YFW Catalog
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current -3.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
0.70
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
R
θJA
CJ
TJ,
TSTG
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
Storage temperature range
C
-50 to +150
-50 to +125
-50 to +150
20
10
0.55
0.85
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
MECHANICAL DATA
Case: JEDEC DO-214AA molded plastic body
Terminals: leads solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight
Number
:0.003 ounce, 0.093 grams
0.071 (1.80)
0.087 (2.20)
Dimensions in inches and (millimeters)
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
DO-214AA/SMB
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.205(5.21)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)
www.yfwdiode.com


Similar Part No. - B550B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B550B WEITRON-B550B Datasheet
216Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B550B CTC-B550B Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B550B WEITRON-B550B Datasheet
603Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Semiconducto...
B550B CHENDA-B550B Datasheet
539Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Premier Farnell Limited...
B550BH3100-1 DURATOOL-B550BH3100-1 Datasheet
39Kb / 1P
Hex Keys 9 Piece Sets
More results

Similar Description - B550B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com