Electronic Components Datasheet Search
  English  ▼

X  

THS14F03 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS14F03
Description  14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS14F03 Datasheet(HTML) 2 Page - Texas Instruments

  THS14F03 Datasheet HTML 1Page - Texas Instruments THS14F03 Datasheet HTML 2Page - Texas Instruments THS14F03 Datasheet HTML 3Page - Texas Instruments THS14F03 Datasheet HTML 4Page - Texas Instruments THS14F03 Datasheet HTML 5Page - Texas Instruments THS14F03 Datasheet HTML 6Page - Texas Instruments THS14F03 Datasheet HTML 7Page - Texas Instruments THS14F03 Datasheet HTML 8Page - Texas Instruments THS14F03 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
THS14F01, THS14F03
14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS
WITH FIFO INTERNAL REFERENCE AND PGA
SLAS285 – JUNE 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description
The THS14F01 and THS14F03 are 14-bit, 1 MSPS/ 3 MSPS, single supply analog-to-digital converters with
a FIFO, internal reference, differential inputs, programmable input gain, and an on-chip sample and hold
amplifier.
Implemented with a CMOS process, the device has outstanding price/performance and power/speed ratios.
The THS14F01 and THS14F03 are designed for use with 3.3-V systems, and with a high-speed
µP compatible
parallel interface, making them the first choice for solutions based on high-performance DSPs like the TI
TMS320C6000 series.
The THS14F01 and THS14F03 are available in a TQFP-48 package in standard commercial and industrial
temperature ranges.
functional block diagram
PGA
0..7 dB
REF
14-Bit
ADC
14
15
CONTROL
LOGIC
REF+
REF–
IN+
IN–
D[13:0] + OV bit
A[1:0]
6
CLK
1.5 V
BG
VBG
CS
WR
OE
32-Word
Buffer
FIFO+
INT
FOVL
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
TQFP
(PFB)
0
°C to 70°C
THS14F01CPFB,
THS14F03CPFB
–40
°C to 85°C
THS14F01IPFB,
THS14F03IPFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com