Electronic Components Datasheet Search
  English  ▼

X  

BAS40HM Datasheet(PDF) 1 Page - Rohm

Part # BAS40HM
Description  Schottky Barrier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAS40HM Datasheet(HTML) 1 Page - Rohm

  BAS40HM Datasheet HTML 1Page - Rohm BAS40HM Datasheet HTML 2Page - Rohm BAS40HM Datasheet HTML 3Page - Rohm BAS40HM Datasheet HTML 4Page - Rohm BAS40HM Datasheet HTML 5Page - Rohm BAS40HM Datasheet HTML 6Page - Rohm BAS40HM Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
BAS40HM
Application
Dimensions
(Unit : mm)
Land Size Figure
(Unit : mm)
Small current rectification
Features
1) Small mold type
Structure
2) High reliability
3) Low VF
Construction
Taping Dimensions
(Unit : mm)
Silicon epitaxial planar type
Absolute Maximum Ratings
(Ta= 25°C)
Symbol
Unit
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Average forward rectified current
IF
mA
Repetitive peak forward current
IFRM
mA
Operating junction temperature
Tj
°C
Storage temperature
Tstg
°C
Electrical Characteristics
(Tj= 25°C)
Symbol
Min. Typ. Max. Unit
VF1
-
-
0.38
V
VF2
-
-
0.50
V
VF3
--
1
V
IR1
--
1
A
IR2
--
10
A
A
t ≦1s, Duty≦0.5
40
Duty≦0.5
Parameter
Limits
Conditions
40
150
55 to 150
Direct reverse voltage
Conditions
non-repetitive at Ta=25ºC
-
-
120
Direct current
120
Square wave, tp<10ms,
0.6
(SOT-23)
IF=10mA
IF=40mA
VR=40V
Forward voltage
VR=30V
Reverse current
IF=1mA
Parameter
IFSM
Non-repetitive forward surge current
4A
ROHM : SSD3
JEDEC : SOT-23
JEITA : -
SOT-23
1.9
1.0MIN
0.8MIN
2.4
Cathode
Anode
(1)
(2)
(3)
(1)
(2)
(3)
NC
T116
1/3
2016.11 - Rev.B


Similar Part No. - BAS40HM

ManufacturerPart #DatasheetDescription
logo
Rohm
BAS40HMFH ROHM-BAS40HMFH Datasheet
960Kb / 6P
Schottky Barrier Diode
More results

Similar Description - BAS40HM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com