Electronic Components Datasheet Search
  English  ▼

X  

TPS2384 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2384
Description  QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2384 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2384 Datasheet HTML 9Page - Texas Instruments TPS2384 Datasheet HTML 10Page - Texas Instruments TPS2384 Datasheet HTML 11Page - Texas Instruments TPS2384 Datasheet HTML 12Page - Texas Instruments TPS2384 Datasheet HTML 13Page - Texas Instruments TPS2384 Datasheet HTML 14Page - Texas Instruments TPS2384 Datasheet HTML 15Page - Texas Instruments TPS2384 Datasheet HTML 16Page - Texas Instruments TPS2384 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
TPS2384
SLUS634A − NOVEMBER 2004 − REVISED DECEMBER 2004
13
www.ti.com
AUTO MODE FUNCTIONAL DESCRIPTION
AM Discovery
The TPS2384 uses two low level probe signals (typically 4.4 V and 8.8 V) during the discovery process to
determine whether a valid PD is present. The use of multi point or slope detection method for the PD resistor
measurement allows accurate detection even when series steering diodes are present. The low level probe
voltages also prevent damage to non-802.3 devices. When a valid PD has been detected the TPS2384 moves
to the classification. If a valid PD has not been detected the TPS2384 continues to cycle through the discovery
process. The waveform in Figure 2 shows typical N-pin waveforms for the discovery of a valid PD and the failure
to discovery due to a discovery resistor of 15 k
Ω and 33 kΩ.
t − Time − 20 ms/div.
Dis 1
Dis 1
Dis 1
Dis 2
Dis 2
Dis 2
Class
Power On
Port 1 Voltage
Successful discovery
Port 3 Voltage
Unsuccessful discovery
Rdiscovery = 33 k
Ω
Port 2 Voltage
Unsuccessful discovery
Rdiscovery = 15 k
Ω
Rdiscovery = 25 k
Ω
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com