Electronic Components Datasheet Search
  English  ▼

X  

TP2L0503S Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP2L0503S
Description  2W Isolated Wide Input Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L0503S Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP2L0503S Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L0503S Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L0503S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP2L Series
www.gztoppower.com
TEL:0086-2082019000
EMAIL:sales2@gztoppower.com
Page 2 / 3
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
APPLICATION NOTES
External capacitance
These converters will work without external capacitors, in order to
guarantee the full parametric performance over the full line and load
range we recommended you to use the value we listed at right side.
All parts have been tested and characterized using the following
values and test circuit.
Value
Input Volatage(V)
Cin
Cout
5&12
100uF,25V
100uF,25V
24&48
10uF,200V
100uF,25V
Test Circuit
Pin 8 (CS)
This pin provides a connection point to the main internal reservoir capacitor. Additional capacitance can be added between pin8 and pin 7. Any lower ESR capacitor will
remove ripple and noise.
OUTPUT CHARACTERISTICS
Parameter
Conditions
Typ.
MAX.
Units
Voltage set point accuracy(with external input/output capacitors)
All TP2L05/12 input voltage types
±1
±3
%
Voltage set point accuracy(with external input/output capacitors)
All TP2L24/48 input voltage types
±2
±5
%
Line regulation (with external input/output capacitors)
All TP2L05/12 input types, low line to high line
0.06
0.5
%
Line regulation (with external input/output capacitors)
All TP2L24/48 input types, low line to high line
0.05
0.4
%
Load regulation (with external input/output capacitors)
All TP2L05/12 input types, minimum load to rated load
0.2
0.8
%
Load regulation (with external input/output capacitors)
All TP2L24/48 input types, minimum load to rated load
0.2
0.8
%
Shutdown power
+Vin nominal
2.8
mW
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 second
1000
3000
VDC
Resistance
VISO = 1000VDC
1
GΩ
TEMPER ATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation
-40
85
℃
Storage
-50
130
℃
Cooling
Free air convection
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
Continuous
Lead temperature 1.5mm from case for 10 seconds
300℃
Control pin input current
15mA
Input voltage 05
10V
Input voltage 12
20V
Input voltage 24
40V
Input voltage 48
80V
CIN
C OUT
+ VIN
-VIN
+ V OUT
-V OUT
TP2L
S upply+ VIN
Supp ly-V IN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com