Electronic Components Datasheet Search
  English  ▼

X  

900 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # 900
Description  No heatsink preheating required
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

900 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  900 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
Tpcm™ 900 Series
Tpcm™ 900 is a high performance, non-electrically conductive phasechange material.
At 50°C, Tpcm™ 900 begins to soften and flow,filling the microscopic irregularities
of both the thermal solution andthe component’s surfaces, thereby reducing thermal
resistance.It is a flexible solid at room temperature and freestandingwithout reinforcing
components that reduce thermal performance.
Tpcm 900 shows no performance degradation after 1,000hours @130°C, or after 500
cycles, from -25°C to 125°C. The material softens and does not fully change state, result-
ing in minimal migration(pump out) at operating temperatures (see viscosity curve).
Supplied in rolls with top tabbed liners for easy manual orlarge volume automatic
application. Individually die cut parts can alsobe supplied.
FEATURES AND BENEFITS
• 0.03ºC-in2/watt thermal resistance
• Naturally tacky at room temperature,
no adhesive required
• No heatsink preheating required
• Available in 3 thicknesses, 0.005”, 0.010”and
0.020” (0.125 mm, 0.25 mm and 0.50 mm)
Americas: +1.800.843.4556
Europe: +49.8031.2460.0
Asia: +86.755.2714.1166
CLV-customerservice@lairdtech.com
www.lairdtech.com/thermal
PROPERTIES
Tpcm™ 905C
Tpcm™ 910
Tpcm™ 920
Test Method
Construction &
Composition
Non-reinforced
boron nitride filled film
Non-reinforced
boron nitride filled film
Non-reinforced
boron nitride filled film
Color
Yellow
Yellow
Yellow
Visual
Thickness
0.005” (0.13 mm)
0.010” (0.25 mm)
0.020” (0.51 mm)
Thickness Tolerance
± 0.001” (± 0.025 mm)
± 0.001” (± 0.025 mm)
± 0.002” (± 0.05 mm)
Density
1.31 g/cc
1.39 g/cc
1.39 g/cc
Helium Pycnometer
Temperature Range
-25 to 125°C
-25 to 125°C
-25 to 125°C
Phase Change
Softening Temperature
50°C to 70°C
50°C to 70°C
50°C to 70°C
“Burn In“ Temperature
70°C for 5 minutes
70°C for 5 minutes
70°C for 5 minutes
Thermal Conductivity
0.7 W/mK
2.23 W/mK
2.23 W/mK
ASTM D5470
(modified)
Thermal Impedance
@ 10 psi (69 KPa)
@ 50 psi (345 KPa))
0.048 °C-in2/W
(0.31 °C-cm2/W)
0.029 °C-in2/W
(0.19 °C-cm2/W)
0.14 °C-in2/W
(0.90 °C-cm2/W)
0.083 °C-in2/W
(0.53 °C-cm2/W)
0.18 °C-in2/W
(1.14 °C-cm2/W)
0.095 °C-in2/W
(0.61 °C-cm2/W)
ASTM D5470
(modified
Volume Resistivity
2 x 1013 ohm-cm
2 x 1013 ohm-cm
2 x 1013 ohm-cm
ASTM D257
Dielectric Constant
@1 MHz
3.1
3.1
3.1
ASTM D150
THR-DS-Tpcm-900 0910
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the
fitness, merchantability or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages
of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request.
© Copyright 2010 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technolo-
gies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party
intellectual property rights.
APPLICATIONS
• High frequency
microprocessors
• Notebook and
desktop PCs
• Computer servers
• DC/DC converts
• Memory modules
• Cache chips
• IGBTs
Standard Thicknesses: 0.005” (0.13 mm) 0.010” (0.25 mm) 0.020” (0.51 mm)
Consult the factory for alternate thicknesses
Standard Sheet Sizes: 9” x 9” (229 mm x 229 mm)
Tpcm™ 900 sheets are supplied with a white release paper and a bottom liner.
Tpcm™ 900 is available in rolls with an extended tab liner or individual die cut shapes.
Pressure Sensitive Adhesive: Pressure sensitive adhesive is not applicable for Tpcm™ products.
Reinforcement: No reinforcement is necessary.


Similar Part No. - 900

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
900 E-SWITCH-900 Datasheet
172Kb / 2P
SUB-MINIATURE SMT PUSHBUTTON SWITCHES
900 E-SWITCH-900 Datasheet
153Kb / 1P
DETECTOR SWITCHES - SUB-MINIATURE SMT
logo
Visual Communications C...
900 VCC-900 Datasheet
1Mb / 3P
LED lamps
logo
Alpha Wire
900 ALPHAWIRE-900 Datasheet
160Kb / 3P
M12?륚 Die Cast Passive I/O Box
logo
3M Electronics
900 3M-900 Datasheet
138Kb / 6P
3M™ Repulpable Double-Coated Splicing Tape 900
Jun-2017
More results

Similar Description - 900

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
International Rectifier
IR4302 IRF-IR4302_15 Datasheet
604Kb / 17P
No mechanical heatsink required
logo
Silicon Laboratories
CPT112S SILABS-CPT112S Datasheet
478Kb / 35P
No firmware development required
SI52131-A11A SILABS-SI52131-A11A Datasheet
1Mb / 19P
No termination resistors required
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
No external matching required
Rev. 0
logo
Laird Tech Smart Techno...
780 LSTD-780 Datasheet
451Kb / 2P
Heat sink preheating not required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
No Drilling Required
logo
Delta Electronics, Inc.
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
No minimum load required
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
No minimum load required
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com