Electronic Components Datasheet Search
  English  ▼

X  

TPJ0509S Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPJ0509S
Description  1W 6KVDC Isolated DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPJ0509S Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPJ0509S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPJ0509S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPJ0509S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPJ Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 1 /3
DESCRIPTION
:
:
:
:
The TPJ series are miniature, 6KVDC isolated 1 W DC/DC-converters in a SIP package with
single and dual output voltage. They offer the ideal solution in many space critical applications
for board level power distribution. The internal SMD construction makes it possible to offer a
product with high performance at low cost. The series offers smaller size, improved efficiency,
lower output ripple noise.
1W 6KVDC Isolated DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
Efficiency (Min.)
V
V
mA
%
TPJ0505S
5
±5
±100/±10
61
TPJ0509S
5
±9
±55/±5.5
66
TPJ0512S
5
±12
±42/±4.2
66
TPJ0515S
5
±15
±33/±3.3
66
TPJ1205S
12
±5
±100/±10
61
TPJ1209S
12
±9
±55/±5.5
66
TPJ1212S
12
±12
±42/±4.2
66
TPJ1215S
12
±15
±33/±3.3
65
TPJ0303SA
3.3
3.3
303/30.3
66
TPJ0309SA
3.3
9
111/11.1
72
TPJ0503SA
5
3.3
303/30.3
65
TPJ0505SA
5
5
200/20
68
TPJ0509SA
5
9
111/11.1
72
TPJ0512SA
5
12
83/8.3
70
TPJ0515SA
5
15
66/6.6
70
TPJ1205SA
12
5
200/20
69
TPJ1209SA
12
9
111/11.1
74
TPJ1212SA
12
12
83/8.3
74
TPJ1215SA
12
15
66/6.6
74
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input
2.9
3.3
3.6
V
Voltage range
5V input
4.5
5
5.5
V
Voltage range
12V input
11
12
13
V
Add suffix “P” for continuous short circuit protection, for example TPJ0505SP.
FEATURES
RoHS compliant
Single and dual outputs
Power density 0.42w/cm
3
Operating temperature: -40ºC to 85ºC
Footprint 1.91cm
2
UL 94V-0 package material
No heatsink required
6KVDC isolation
SIP package style
Input voltage: 3.3V, 5V,12V
Output voltage: ±5V, ±9V, ±12V, ±15V / 3.3V, 5V, 9V, 12V,15V
Custom solutions available
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage Vin, TPJ03
5V
Input voltage Vin, TPJ05
7V
Input voltage Vin, TPJ12
15V


Similar Part No. - TPJ0509S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPJ0509S TOPPOWER-TPJ0509S Datasheet
623Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ0509S TOPPOWER-TPJ0509S Datasheet
169Kb / 3P
1W 6KVDC Isolated DC/DC Converters
TPJ0509S TOPPOWER-TPJ0509S Datasheet
701Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ0509S TOPPOWER-TPJ0509S Datasheet
754Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ0509S-2W TOPPOWER-TPJ0509S-2W Datasheet
622Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TPJ0509S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMS CANDD-NMS Datasheet
109Kb / 2P
6kVDC Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
6kVDC Isolated 2W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPJ TOPPOWER-TPJ Datasheet
623Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
TPJ-1W TOPPOWER-TPJ-1W Datasheet
169Kb / 3P
1W 6KVDC Isolated DC/DC Converters
TPS TOPPOWER-TPS_17 Datasheet
413Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJ TOPPOWER-TPJ_19 Datasheet
701Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ TOPPOWER-TPJ_V01 Datasheet
754Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS_V01 Datasheet
734Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com