Electronic Components Datasheet Search
  English  ▼

X  

TPTE0505 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPTE0505
Description  1W Isolated Single Output SMD DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPTE0505 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPTE0505 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPTE0505 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPTE0505 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPTE Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page2 / 3
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated power
TA=-40
℃ to 85℃
1.0
W
Voltage set point accuracy
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%/%
Load regulation(10% load to rated load)
03XX,0503,1203 & 2403
10
14
%
Load regulation(10% load to rated load)
0505,1205 & 2405
13
15
%
Load regulation(10% load to rated load)
0509,1209 & 2409
8.0
9.0
%
Load regulation(10% load to rated load)
0512,1212 & 2412
6.5
7.5
%
Load regulation(10% load to rated load)
0515,1215 & 2415
6
7.0
%
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All output types
120
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
℃
Storage
-55
125
℃
Cooling
Free air convection
TOLERANCE ENVELOPES
3.3V output types
All other types
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
Add suffix”X”function
1
-Vin
-Vin
3
+Vin
+Vin
5
NA
No Pin
7
-Vout
-Vout
8
+Vout
+Vout
10
NA
No Pin
12
NA
No Pin
14
NA
NA
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight: 1.21g
O u tp u t L o ad C u rren t(% )
+ 9 %
+ 1 %
V
N O M
-7 %
-7 %
+ 1 %
-1 5 %
1 0 0
7 5
5 0
2 5
1 0
T yp ical Load
L ine
Output Load Current(% )
+ 9.5%
+5%
V
NOM
-2.5%
+2.5%
-8%
100
75
50
25
10
Typical Lo
ad Line
NA - Not available for electrical connection.
DETAIL A
10PINS
P
M
S
0.2
REFERENCE PLANE
1.50
1.20
0.50
DETAIL A
SEATING PLANE
S
0.20
0.30
1.875(MAX)
0.1
S
2.79(MAX)
2.54
0.65
0.55
7.62
12.70
YYWW
TPTE0505
P
1
3
5
7
8
10
12
14
11.20
10.40
7.70
2.10
0.25
0.10
5.95
6.60
6.35
5.85
±5°
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com