Electronic Components Datasheet Search
  English  ▼

X  

CS1 Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # CS1
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS1 Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button CS1 Datasheet HTML 35Page - fujitsu semiconductor CS1 Datasheet HTML 36Page - fujitsu semiconductor CS1 Datasheet HTML 37Page - fujitsu semiconductor CS1 Datasheet HTML 38Page - fujitsu semiconductor CS1 Datasheet HTML 39Page - fujitsu semiconductor CS1 Datasheet HTML 40Page - fujitsu semiconductor CS1 Datasheet HTML 41Page - fujitsu semiconductor CS1 Datasheet HTML 42Page - fujitsu semiconductor CS1 Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
39
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Calculate each rating of the output capacitor by the following formula:
VCOUT > VOUT
VCOUT : Withstand voltage of the output capacitor [V]
VOUT
: Output voltage [V]
ΔIL
IRMS ≥
2
3
IRMS : Allowable ripple current of output capacitor (effective value) [A]
ΔIL
: Ripple current peak-to-peak value of inductor [A]
When connecting resistance in series configuration while a ceramic capacitor is in use, the resistor rating is
calculated by the following formula.
ESR
ΔIL2
PESR >
12
PESR
: Power dissipation of resistor [W]
ESR
: Resistor value [Ω]
ΔIL
: Ripple current peak-to-peak value of inductor [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com