Electronic Components Datasheet Search
  English  ▼

X  

TPS65013RGZ Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS65013RGZ
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65013RGZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65013RGZ Datasheet HTML 9Page - Texas Instruments TPS65013RGZ Datasheet HTML 10Page - Texas Instruments TPS65013RGZ Datasheet HTML 11Page - Texas Instruments TPS65013RGZ Datasheet HTML 12Page - Texas Instruments TPS65013RGZ Datasheet HTML 13Page - Texas Instruments TPS65013RGZ Datasheet HTML 14Page - Texas Instruments TPS65013RGZ Datasheet HTML 15Page - Texas Instruments TPS65013RGZ Datasheet HTML 16Page - Texas Instruments TPS65013RGZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1
10
100
1 k
10 k
VO = 3.3 V
VO = 1.8 V
Main:
VI = 3.8 V,
TA = 25°C,
FPWM = 0
IO − Output Current − mA
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1
10
100
1 k
10 k
VO = 3.3 V
VO = 1.8 V
Main:
VI = 3.8 V,
TA = 25°C,
FPWM = 1
IO − Output Current − mA
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1
10
100
1 k
VO = 1.6 V
VO = 1.3 V
Core:
VI = 3.8 V,
TA = 25°C,
FPWM = 0
IO − Output Current − mA
TPS65013
SLVS517 – AUGUST 2004
FIGURE
Efficiency
vs Output current
1-4
Quiescent current
vs Input voltage
5
Switching frequency
vs Temperature
6
LDO1 Output voltage
vs Output current
7, 8, 9
LDO2 Output voltage
vs Output current
10
Line transient response (main)
11
Line transient response (core)
12
Line transient response (LDO1)
13
Line transient response (LDO2)
14
Load transient response (core)
15
Load transient response (main)
16
Load transient response (LDO1)
17
Load transient response (LDO2)
18
Output Ripple (PWM = 0)
19
Output Ripple (PWM = 1)
20
Start-up timing
21
Dropout voltage
vs Output current
22, 23
PSRR (LDO1 and LDO2)
vs Frequency
24
EFFICIENCY
EFFICIENCY
EFFICIENCY
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
Figure 3.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com