Electronic Components Datasheet Search
  English  ▼

X  

CAL0 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # CAL0
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CAL0 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button CAL0 Datasheet HTML 17Page - fujitsu semiconductor CAL0 Datasheet HTML 18Page - fujitsu semiconductor CAL0 Datasheet HTML 19Page - fujitsu semiconductor CAL0 Datasheet HTML 20Page - fujitsu semiconductor CAL0 Datasheet HTML 21Page - fujitsu semiconductor CAL0 Datasheet HTML 22Page - fujitsu semiconductor CAL0 Datasheet HTML 23Page - fujitsu semiconductor CAL0 Datasheet HTML 24Page - fujitsu semiconductor CAL0 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
21
000023H
FRT0 - Control status register of free-running timer
High
TCCSH0
R/W
000024H
FRT1 - Data register of free-running timer
TCDT1
R/W
000025H
FRT1 - Data register of free-running timer
R/W
000026H
FRT1 - Control status register of free-running timer
Low
TCCSL1
TCCS1
R/W
000027H
FRT1 - Control status register of free-running timer
High
TCCSH1
R/W
000028H-
000033H
Reserved
-
000034H
OCU4 - Output Compare Control Status
OCS4
R/W
000035H
OCU5 - Output Compare Control Status
OCS5
R/W
000036H
OCU4 - Compare Register
OCCP4
R/W
000037H
OCU4 - Compare Register
R/W
000038H
OCU5 - Compare Register
OCCP5
R/W
000039H
OCU5 - Compare Register
R/W
00003AH
OCU6 - Output Compare Control Status
OCS6
R/W
00003BH
OCU7 - Output Compare Control Status
OCS7
R/W
00003CH
OCU6 - Compare Register
OCCP6
R/W
00003DH
OCU6 - Compare Register
R/W
00003EH
OCU7 - Compare Register
OCCP7
R/W
00003FH
OCU7 - Compare Register
R/W
000040H
ICU0/ICU1 - Control Status Register
ICS01
R/W
000041H
ICU0/ICU1 - Edge register
ICE01
R/W
000042H
ICU0 - Capture Register Low
IPCPL0
IPCP0
R
000043H
ICU0 - Capture Register High
IPCPH0
R
000044H
ICU1 - Capture Register Low
IPCPL1
IPCP1
R
000045H
ICU1 - Capture Register High
IPCPH1
R
000046H
ICU2/ICU3 - Control Status Register
ICS23
R/W
000047H
ICU2/ICU3 - Edge register
ICE23
R/W
000048H
ICU2 - Capture Register Low
IPCPL2
IPCP2
R
I/O map MB96(F)32x (2 of 31)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com