Electronic Components Datasheet Search
  English  ▼

X  

LMC6582AIN Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6582AIN
Description  Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6582AIN Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC6582AIN Datasheet HTML 6Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 7Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 8Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 9Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 10Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 11Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 12Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 13Page - National Semiconductor (TI) LMC6582AIN Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical Performance Characteristics V
S+ = 3V, Single Supply, TA = 25˚C unless otherwise
specified. (Continued)
Application Information
1.0 Input Common-Mode Voltage
Range
The LMC6582/4 has a rail-to-rail input common-mode volt-
age range.
Figure 1 shows an input voltage exceeding both
supplies with no resulting phase inversion on the output.
The absolute maximum input voltage at V
+ = 3V is 300 mV
beyond either supply rail at room temperature. Voltages
greatly exceeding this absolute maximum rating, as in
Figure
2, can cause excessive current to flow in or out of the input
pins, possibly affecting reliability. The input current can be
externally limited to ±5 mA, with an input resistor, as shown
in
Figure 3.
2.0 Rail-to-Rail Output
The approximated output resistance of the LMC6582 is 50
Ω
sourcing, and 50
Ω sinking at V
S = 3V. The maximum output
swing can be estimated as a function of load using the calcu-
lated output resistance.
3.0 Low Voltage Operation
The LMC6582/4 operates at supply voltages of 2.2V and
1.8V. These voltages represent the End of Discharge volt-
ages of several popular batteries. The amplifier can operate
from 1 Lead-Acid or Lithium Ion battery, or 2NiMH, NiCd, or
Carbon-Zinc batteries. Nominal and End of Discharge of
Voltage of several batteries are listed below.
Stability vs
Capacitive Load
DS012041-53
Stability vs
Capacitive Load
DS012041-54
Stability vs
Capacitive Load
DS012041-55
DS012041-3
FIGURE 1. An Input Signal Exceeds the LMC6582
Power Supply Voltages with No Output Phase
Inversion
DS012041-4
FIGURE 2. A ±7.5V Input Signal Greatly
Exceeds the 3V Supply,
Causing No Phase Inversion Due to R
I
DS012041-5
FIGURE 3. Input Current Protection for
Voltages Exceeding the Supply Voltage
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com