Electronic Components Datasheet Search
  English  ▼

X  

LMC662 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC662
Description  CMOS Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC662 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMC662 Datasheet HTML 5Page - National Semiconductor (TI) LMC662 Datasheet HTML 6Page - National Semiconductor (TI) LMC662 Datasheet HTML 7Page - National Semiconductor (TI) LMC662 Datasheet HTML 8Page - National Semiconductor (TI) LMC662 Datasheet HTML 9Page - National Semiconductor (TI) LMC662 Datasheet HTML 10Page - National Semiconductor (TI) LMC662 Datasheet HTML 11Page - National Semiconductor (TI) LMC662 Datasheet HTML 12Page - National Semiconductor (TI) LMC662 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Typical Single-Supply Applications (V+ = 5.0 V
DC)
Additional single-supply applications ideas can be found in
the LM358 datasheet. The LMC662 is pin-for-pin compatible
with the LM358 and offers greater bandwidth and input resis-
tance over the LM358. These features will improve the per-
formance of many existing single-supply applications. Note,
however, that the supply voltage range of the LM662 is
smaller than that of the LM358.
For good CMRR over temperature, low drift resistors should
be used. Matching of R3 to R6 and R4 to R7 affects CMRR.
Gain may be adjusted through R2. CMRR may be adjusted
through R7.
This circuit, as shown, oscillates at 2.0 kHz with a
peak-to-peak output swing of 4.5V
Low-Leakage Sample-and-Hold
DS009763-15
Instrumentation Amplifier
DS009763-7
Sine-Wave Oscillator
DS009763-8
Oscillator frequency is determined by R1, R2, C1, and C2:
f
OSC = 1/2πRC
where R = R1 = R2 and C = C1 = C2.
1 Hz Square-Wave Oscillator
DS009763-9
Power Amplifier
DS009763-10
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com