Electronic Components Datasheet Search
  English  ▼

X  

THCS133 Datasheet(PDF) 9 Page - THine Electronics, Inc.

Part # THCS133
Description  I/OSpreader
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS133 Datasheet(HTML) 9 Page - THine Electronics, Inc.

Back Button THCS133_15 Datasheet HTML 3Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 4Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 5Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 6Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 7Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 8Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 9Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 10Page - THine Electronics, Inc. THCS133_15 Datasheet HTML 11Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
THCS133_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
8/10
・
Connection Example(16-bit Transmitter and Receiver)
Serializer
Latch
circuit
CTL1
CTL0
Deserializer
Selector
CTL1
CTL0
DIN[7:0]
DOUT[7:0]
・
Connection Example(8bit Transmitter and Receiver)
Serializer
Latch
circuit
CTL1
CTL0
Deserializer
Selector
CTL1
CTL0
DIN[7:0]
DOUT[7:0]
・
Function Setup for Serial I/O Pins
IOP and ION pins are set as 1 lane CMOS I/O or 2-lane LVDS I/O with a SIG pin.
Pin Setup
Function
Description
SIG
IOP
ION
L
CMOS I/O
*
CMOS I/O
H
Differential mode I/O+
Differential mode I/O-
Differential mode I/O
*
: Please keep pin open (No connection)
・
Function of Transmission Status Error Indicator, FAULTN (Receiver mode)
FAULTN is the output pin. When the protocol of received data is not correct or serial data more than
50usec (typ) is not received, FAULTN pin will be changed into low level. The received data is canceled
when a FAULTN pin outputs Low. When normal serial data is received, a FAULTN pin outputs High in
case of pulled up externally.
・
Digital Filter Function
When FILT pin is set to high level, the digital filter function is active. If the receiver matches the 3
sampling frequency content with the deserialized parallel data, it is updated as the correct data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com