Electronic Components Datasheet Search
  English  ▼

X  

THCS134 Datasheet(PDF) 6 Page - THine Electronics, Inc.

Part # THCS134
Description  I/OSpreader TSSOP28
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS134 Datasheet(HTML) 6 Page - THine Electronics, Inc.

Back Button THCS134_15 Datasheet HTML 2Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 3Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 4Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 5Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 6Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 7Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 8Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 9Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 10Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
THCS134-TSSOP_Rev.1.02_E
Copyright©2015 THine Electronics, Inc.
THine Electronics, Inc.
Security E
5/19
LVDS Input Output Differential Voltage
ION
ION
IOP
VOD
IOP
VID
VOC
Electrical Characteristics AC Characteristics (Reset Section)
Mark
Parameter
Condition
Min
Typ
Max
Unit
tRST
Time from Reset (RSTN) Release to
Valid Input
-
-
-
100
(Note)
us
tWRST
Reset (RSTN) Low Pulse Width
-
50
-
-
ns
Note : In AC coupling, tRST changes with the capacity to connect.
Timing Chart (Reset Section)
Rese t signal ( RSTN )
Reset input (RSTN)
Valid data
Output data (DATA)
Pull-down
Output Low
Valid data output
Input data/Bi-direction
(DATA)
tRST
tWRST
In the case of the mode F, output is controlled by signal of
output enable (OEN_L/OEN_U), a pull-down state is
continued until it sets signal of output enable to LOW.
Electrical Characteristics AC Characteristics (Serial Communication)
Mark
Item
Condition
Min
Typ
Max
Unit
fPSPLa
Serializer Input Sampling Frequency
(Uni-direction)
BID=L
50
-
-
kHz
fPSPLb
Serializer Input Sampling Frequency
(Bi-direction)
BID=H
30
-
-
kHz
tPSa
Time of Serializer Transmission (Uni-direction)
BID=L
-
-
18
us
tSPa
Deserializer Output Renewal Time (Uni-direction)
BID=L
-
-
2
us
tPSb
Time of Serializer Transmission (Bi-direction)
BID=H
-
-
14
us
tSPb
Deserializer Output Renewal Time (Bi-direction)
BID=H
-
-
2
us
fSTR
Serial Data Transmission Rate
-
-
2.5
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com