Electronic Components Datasheet Search
  English  ▼

X  

TYPET1794 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TYPET1794
Description  Type T1794 Custom Low Temperature Coeffi cient Precision SIP Resistor Networks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TYPET1794 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TYPET1794 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
Low Absolute TC and Ratio TC in Resistor Networks with Custom Performance
The exceptional design flexibility provided by the Type T1794
Custom Low TC Precision SIP Resistor Networks gives each circuit
designer the freedom to choose the precise combination of
specifications required to optimize both the performance and the price of
custom precision and ultra-precision resistor networks.
For precision analog designs with special circuit requirements,
Caddock's Type T1794 Custom Low TC Precision SIP Resistor
Networks are available with performance that includes:
• Resistance Values: from 500 ohms to as high as 50 Megohms.
• Absolute Tolerances: ±1.0%, ±0.50%, ±0.25%, ±0.20%, ±0.10%,
±0.05%, or ±0.025%.
• Ratio Tolerances: ±1.0%, ±0.50%, ±0.25%, ±0.20%, ±0.10%, ±0.05%,
±0.025%, or ±0.010%
• Absolute Temperature Coefficient: 50 ppm/°C, 25 ppm/°C,
or 15 ppm/°C from -40°C to +85°C.
• Ratio Temperature Coefficient: 50 ppm/°C, 25 ppm/°C,
10 ppm/°C, or 5 ppm/°C from -40°C to +85°C.
• Ratio-of-Ratios: as required, to as close as 0.025%.
The unique thin-profile, single-in-line edge-
mount package design allows the wide range of
flexibility necessary to blend the performance of
Tetrinox® resistance technology with particular
circuit specifications to arrive at the final
network package size, pin spacing and pin
style.
By optimizing both performance and
configuration, many designers find that these
precision networks can achieve savings in both
component costs and insertion costs, as
compared to discrete precision resistors - even
in production lot quantities as low as 1,000
units.
Applications for the Type T1794 Custom
Low TC Precision SIP Resistor Networks
include:
• Voltage Divider Networks
• Amplifier Gain-Setting Networks
• Differential Input Networks
• Attenuator Networks
• Current-to-Voltage Converter Sense
Networks
Our high thru-put manufacturing capability is
now committed to the production of these
custom precision resistor networks. Custom
network designs for requirements that range
from 500 networks per year to 400,000
networks per year are now in production.
Type T1794 Custom Low Temperature Coefficient
Precision SIP Resistor Networks
Optional Pin Style
Low profile, single-in-line package with one row of right-angle pins.
28_IL120.1004


Similar Part No. - TYPET1794

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TYPET912 ETC-TYPET912 Datasheet
105Kb / 1P
Type T912 and T914 Precision Resistor Networks
TYPET912_T914 ETC-TYPET912_T914 Datasheet
105Kb / 1P
Type T912 and T914 Precision Resistor Networks
TYPET914 ETC-TYPET914 Datasheet
105Kb / 1P
Type T912 and T914 Precision Resistor Networks
More results

Similar Description - TYPET1794

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRCN VISHAY-MRCN Datasheet
69Kb / 2P
Resistor/Capacitor Networks, Molded SIP
01-Aug-05
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
Thick Film Super Low Profile SIP Resistor Networks
logo
Willow Technologies Ltd
RRY2B WILLOW-RRY2B Datasheet
82Kb / 1P
SIP RESISTOR NETWORKS VOLTAGE DIVIDERS
logo
RCD COMPONENTS INC.
CP081-10R0-BB RCD-CP081-10R0-BB Datasheet
65Kb / 1P
PRECISION THIN FILM SIP NETWORKS
logo
KOA Speer Electronics, ...
MRPL03EAD103BA KOA-MRPL03EAD103BA Datasheet
401Kb / 2P
precision metal film resistor SIP networks
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
Micross Components
ASJD1200R045 MICROSS-ASJD1200R045 Datasheet
148Kb / 4P
Positive Temperature Coeffi cient for Ease of Paralleling
ASJD1200R085 MICROSS-ASJD1200R085 Datasheet
223Kb / 7P
Positive Temperature Coeffi cient for Ease of Paralleling
ASJE1200R063 MICROSS-ASJE1200R063 Datasheet
222Kb / 7P
Positive Temperature Coeffi cient for Ease of Paralleling
logo
Caddock Electronics, In...
T1794 CADDOCK-T1794 Datasheet
545Kb / 1P
Type T1794 Custom Low Temperature Coefficient Precision SIP Resistor Networks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com